công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3564 bảng dữ liệu(PDF) 87 Page - Microchip Technology

tên linh kiện MCP3564
Giải thích chi tiết về linh kiện  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 bảng dữ liệu(HTML) 87 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 83Page - Microchip Technology MCP3564 Datasheet HTML 84Page - Microchip Technology MCP3564 Datasheet HTML 85Page - Microchip Technology MCP3564 Datasheet HTML 86Page - Microchip Technology MCP3564 Datasheet HTML 87Page - Microchip Technology MCP3564 Datasheet HTML 88Page - Microchip Technology MCP3564 Datasheet HTML 89Page - Microchip Technology MCP3564 Datasheet HTML 90Page - Microchip Technology MCP3564 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 87
MCP3561/2/4
8.6
IRQ Register
Name
Bits
Address
Cof
IRQ
8
0x5
R/W
REGISTER 8-6:
IRQ: INTERRUPT REQUEST REGISTER
U-0
R-1
R-1
R-1
R/W-0
R/W-0
R/W-1
R/W-1
—
DR_STATUS CRCCFG_STATUS POR_STATUS
IRQ_MODE[1:0](1)
EN_FASTCMD
EN_STP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
DR_STATUS: Data Ready Status Flag
1 = ADCDATA has not been updated since last reading or last Reset (default)
0 = New ADCDATA ready for reading
bit 5
CRCCFG_STATUS: CRC Error Status Flag Bit for Internal Registers
1 = CRC error has not occurred for the Configuration registers (default)
0 = CRC error has occurred for the Configuration registers
bit 4
POR_STATUS: POR Status Flag
1 = POR has not occurred since the last reading (default)
0 = POR has occurred since the last reading
bit 3-2
IRQ_MODE[1:0]: Configuration for the IRQ/MDAT Pin(1)
IRQ_MODE[1]: IRQ/MDAT Selection
1 = MDAT output is selected. Only POR and CRC interrupts can be present on this pin and take priority
over the MDAT output.
0 =IRQ output is selected. All interrupts can appear on the IRQ/MDAT pin.
IRQ_MODE[0]: IRQ Pin Inactive State Selection
1 = The Inactive state is logic high (does not require a pull-up resistor to DVDD)
0 = The Inactive state is high-Z (requires a pull-up resistor to DVDD) (default)
bit 1
EN_FASTCMD: Enable Fast Commands in the COMMAND Byte
1 = Fast commands are enabled (default)
0 = Fast commands are disabled
bit 0
EN_STP: Enable Conversion Start Interrupt Output
1 = Enabled (default)
0 =Disabled
Note 1:
When IRQ_MODE[1:0] = 10 or 11, the modulator output codes (MDAT stream) are available at both the
MDAT pin and ADCDATA register (0x0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com