| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AST50B bảng dữ liệu(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
AST50B bảng dữ liệu(HTML) 3 Page - Vishay Siliconix |
|
3 / 6 page ![]() AST www.vishay.com Vishay Huntington Revision: 23-Sep-2020 3 Document Number: 31852 For technical questions, contact: ww2dresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • Dimensions are for reference only. Dimensions indicated are without coating DIMENSIONS in inches (millimeters) MODEL A (MAX.) CORE DIMENSIONS TERMINAL SETBACK ± 0.031 (0.79) DISTANCE BETWEEN TERMINALS (REF.) DISTANCE CENTER TO CENTER QUICK CONNECT (REF.) TERMINAL DESIGNATION SLIDER MODEL NUMBER LENGTH O.D. ± 0.031 (0.79) I.D. ± 0.031 (0.79) STANDARD OPTIONAL (QUICK CONNECT) AST010 AST012 0.406 (10.31) 1.750 (44.45) 0.313 (7.95) 0.188 (4.78) 0.094 (2.39) 1.375 (34.93) 1.312 (33.32) 05 14 70 AST020 0.563 (14.30) 2.000 (50.8) 0.438 (11.13) 0.260 (6.60) 0.094 (2.39) 1.625 (41.28) 1.562 (39.67) 02 14 70 AST20A 0.563 (14.30) 2.000 (50.8) 0.438 (11.11) 0.313 (7.94) 0.094 (2.38) 1.625 (41.28) 1.625 (41.28) 02 14 70 AST025 0.668 (17.48) 2.000 (50.8) 0.563 (14.30) 0.313 (7.95) 0.094 (2.39) 1.562 (39.67) 1.500 (38.10) 06 15 71 AST25A 0.906 (23.01) 2.000 (50.8) 0.750 (19.05) 0.500 (12.7) 0.094 (2.39) 1.562 (39.67) 1.500 (38.10) 06 15 72 AST25B 0.770 (19.56) 2.000 (50.8) 0.625 (15.88) 0.453 (11.51) 0.094 (2.39) 1.562 (39.67) -06 15 71 AST050 0.688 (17.48) 4.000 (101.6) 0.563 (14.30) 0.313 (7.95) 0.094 (2.39) 3.562 (90.47) 3.500 (88.90) 06 15 71 AST50A 0.906 (23.01) 4.000 (101.6) 0.750 (19.05) 0.500 (12.70) 0.062 (1.57) 3.626 (92.10) 3.563 (90.51) 06 15 71 AST50B 0.906 (23.01) 4.500 (114.3) 0.750 (19.05) 0.547 (13.89) 0.125 (3.18) 4.000 (101.60) 3.938 (100.01) 06 15 72 AST075 0.688 (17.48) 6.000 (152.4) 0.563 (14.30) 0.313 (7.95) 0.094 (2.39) 5.562 (141.27) 4.500 (114.29) 06 15 71 AST75A 0.906 (23.01) 6.000 (152.4) 0.750 (19.05) 0.500 (12.70) 0.094 (2.39) 5.562 (141.27) 5.500 (139.70) 06 15 72 AST080 1.313 (33.34) 4.000 (101.6) 1.125 (28.58) 0.750 (19.05) 0.219 (5.56) 3.187 (80.95) 3.250 (82.54) 20 15 73 AST100 0.906 (23.01) 6.500 (165.1) 0.750 (19.05) 0.500 (12.70) 0.125 (3.18) 6.000 (152.40) 5.938 (150.81) 06 15 72 AST130 1.313 (33.35) 6.500 (165.1) 1.125 (28.58) 0.750 (19.05) 0.282 (7.16) 5.561 (141.25) 5.624 (142.84) 20 15 73 AST160 1.313 (33.35) 8.500 (215.9) 1.125 (28.58) 0.750 (19.05) 0.267 (6.78) 7.593 (192.86) 4.656 (118.25) 20 15 73 AST175 1.313 (33.34) 8.500 (215.9) 1.125 (28.58) 0.750 (19.05) 0.219 (5.56) 7.687 (195.25) 7.750 (196.85) 20 15 73 AST200 AST225 1.313 (33.35) 10.500 (266.7) 1.125 (28.58) 0.750 (19.05) 0.266 (6.76) 9.593 (243.66) 9.656 (245.26) 20 15 73 TERMINAL DIMENSIONS in inches (millimeters) DIMENSIONS TERMINAL STYLE 20 02 05 06 14 15 WIDTH A 0.375 (9.53) 0.188 (4.76) 0.188 (4.76) 0.250 (6.35) 0.188 (4.76) 0.250 (6.35) HEIGHT B 0.594 (15.09) 0.413 (10.49) 0.583 (14.81) 0.500 (12.70) 0.583 (14.81) 0.657 (16.69) DIAMETER C 0.204 (5.18) 0.133 (3.38) 0.133 (3.38) 0.172 (4.36) 0.050 (1.27) 0.065 (1.65) THICKNESS D 0.032 (0.81) 0.020 (0.51) 0.020 (0.51) 0.020 (0.51) 0.020 (0.51) 0.032 (0.81) A O.D. I.D. TERMINAL SETBACK DISTANCE CENTER TO CENTER LENGTH D Styles 14 and 15 B A C B D C A Style 02, 05, 06, and 20 |