công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AST025 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện AST025
Giải thích chi tiết về linh kiện  Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AST025 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  AST025 Datasheet HTML 1Page - Vishay Siliconix AST025 Datasheet HTML 2Page - Vishay Siliconix AST025 Datasheet HTML 3Page - Vishay Siliconix AST025 Datasheet HTML 4Page - Vishay Siliconix AST025 Datasheet HTML 5Page - Vishay Siliconix AST025 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AST
www.vishay.com
Vishay Huntington
Revision: 23-Sep-2020
3
Document Number: 31852
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Dimensions are for reference only. Dimensions indicated are without coating
DIMENSIONS in inches (millimeters)
MODEL
A
(MAX.)
CORE DIMENSIONS
TERMINAL
SETBACK
± 0.031
(0.79)
DISTANCE
BETWEEN
TERMINALS
(REF.)
DISTANCE
CENTER TO
CENTER
QUICK
CONNECT
(REF.)
TERMINAL DESIGNATION
SLIDER
MODEL
NUMBER
LENGTH
O.D.
± 0.031
(0.79)
I.D.
± 0.031
(0.79)
STANDARD
OPTIONAL
(QUICK CONNECT)
AST010
AST012
0.406
(10.31)
1.750
(44.45)
0.313
(7.95)
0.188
(4.78)
0.094
(2.39)
1.375
(34.93)
1.312
(33.32)
05
14
70
AST020
0.563
(14.30)
2.000
(50.8)
0.438
(11.13)
0.260
(6.60)
0.094
(2.39)
1.625
(41.28)
1.562
(39.67)
02
14
70
AST20A
0.563
(14.30)
2.000
(50.8)
0.438
(11.11)
0.313
(7.94)
0.094
(2.38)
1.625
(41.28)
1.625
(41.28)
02
14
70
AST025
0.668
(17.48)
2.000
(50.8)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
1.562
(39.67)
1.500
(38.10)
06
15
71
AST25A
0.906
(23.01)
2.000
(50.8)
0.750
(19.05)
0.500
(12.7)
0.094
(2.39)
1.562
(39.67)
1.500
(38.10)
06
15
72
AST25B
0.770
(19.56)
2.000
(50.8)
0.625
(15.88)
0.453
(11.51)
0.094
(2.39)
1.562
(39.67)
-06
15
71
AST050
0.688
(17.48)
4.000
(101.6)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
3.562
(90.47)
3.500
(88.90)
06
15
71
AST50A
0.906
(23.01)
4.000
(101.6)
0.750
(19.05)
0.500
(12.70)
0.062
(1.57)
3.626
(92.10)
3.563
(90.51)
06
15
71
AST50B
0.906
(23.01)
4.500
(114.3)
0.750
(19.05)
0.547
(13.89)
0.125
(3.18)
4.000
(101.60)
3.938
(100.01)
06
15
72
AST075
0.688
(17.48)
6.000
(152.4)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
5.562
(141.27)
4.500
(114.29)
06
15
71
AST75A
0.906
(23.01)
6.000
(152.4)
0.750
(19.05)
0.500
(12.70)
0.094
(2.39)
5.562
(141.27)
5.500
(139.70)
06
15
72
AST080
1.313
(33.34)
4.000
(101.6)
1.125
(28.58)
0.750
(19.05)
0.219
(5.56)
3.187
(80.95)
3.250
(82.54)
20
15
73
AST100
0.906
(23.01)
6.500
(165.1)
0.750
(19.05)
0.500
(12.70)
0.125
(3.18)
6.000
(152.40)
5.938
(150.81)
06
15
72
AST130
1.313
(33.35)
6.500
(165.1)
1.125
(28.58)
0.750
(19.05)
0.282
(7.16)
5.561
(141.25)
5.624
(142.84)
20
15
73
AST160
1.313
(33.35)
8.500
(215.9)
1.125
(28.58)
0.750
(19.05)
0.267
(6.78)
7.593
(192.86)
4.656
(118.25)
20
15
73
AST175
1.313
(33.34)
8.500
(215.9)
1.125
(28.58)
0.750
(19.05)
0.219
(5.56)
7.687
(195.25)
7.750
(196.85)
20
15
73
AST200
AST225
1.313
(33.35)
10.500
(266.7)
1.125
(28.58)
0.750
(19.05)
0.266
(6.76)
9.593
(243.66)
9.656
(245.26)
20
15
73
TERMINAL DIMENSIONS in inches (millimeters)
DIMENSIONS
TERMINAL STYLE
20
02
05
06
14
15
WIDTH A
0.375
(9.53)
0.188
(4.76)
0.188
(4.76)
0.250
(6.35)
0.188
(4.76)
0.250
(6.35)
HEIGHT B
0.594
(15.09)
0.413
(10.49)
0.583
(14.81)
0.500
(12.70)
0.583
(14.81)
0.657
(16.69)
DIAMETER C
0.204
(5.18)
0.133
(3.38)
0.133
(3.38)
0.172
(4.36)
0.050
(1.27)
0.065
(1.65)
THICKNESS D
0.032
(0.81)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.032
(0.81)
A
O.D.
I.D.
TERMINAL SETBACK
DISTANCE CENTER TO CENTER
LENGTH
D
Styles 14 and 15
B
A
C
B
D
C
A
Style 02, 05, 06,
and 20



Html Pages

1 2 3 4 5 6