| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
47LT-100B-R bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LT-100B-R bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 8 page ![]() MODEL: 47LT 47LT SPECIFICATIONS ES-9512 Rev.11 Page 4/8 https://www.m-system.co.jp/ EXTERNAL VIEW (4) Max/Min Button (5) Alarm/ Button (6) Init/ Button (7) Shift Button (8) Up Button (1) Main Display (2) Alarm Indicators (3) Function Indicators Alarm/ Init/ Max/Min Shift Up Ini HH H P L LL Alm D/P Adj Fnc Min Max • COMPONENT IDENTIFICATION No. COMPONENT FUNCTION (1) Main display Indicates present values, setting values and status of the unit. (2) Alarm indicators Indicate alarm status of the input signal. (3) Function indicators Indicate setting modes and status. (4) Max/Min button Used to switch the main display to show present values, maximum values or minimum values etc. (5) Alarm/ button Used to con rm alarm setting value and to move on to the alarm and other setting modes; or to shift through setting items in each setting mode. (6) Init/ button Used to move on to the initial and other setting modes; or to shift through setting items in each setting mode. (7) Shift button Used to move on to the setting standby status and shift through display digits in each setting mode. (8) Up button Used to choose setting value in each setting mode. Note: Refer to the operating manual for details on each function. |