| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
47DT-11023-R bảng dữ liệu(PDF) 9 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47DT-11023-R bảng dữ liệu(HTML) 9 Page - M-System Co.,Ltd. |
|
9 / 12 page ![]() MODEL: 47DT 47DT SPECIFICATIONS ES-9508 Rev.13 Page 9/12 http://www.m-system.co.jp/ Digital Panel Meter +6 V 2 kΩ 1.5 kΩ 2 kΩ 1.5 kΩ COM COM REQ RESET 9A Do11 Do12 Do14 Do18 23B 21B 19B 17B 16A 15A 8A DAV RUN POL (polarity +, –) 1st LSD +24 V 0 V DC Power Supply PLC Transistor Output Unit OUT OUT (0 V) 24 V DC COM BCD Input Module IN IN IN IN IN IN IN Digital Panel Meter +6 V 2 kΩ 1.5 kΩ 2 kΩ 1.5 kΩ COM COM REQ RESET 9A Do11 Do12 Do14 Do18 23B 21B 19B 17B 16A 15A 8A DAV RUN POL (polarity +, –) shortcircuit 6th LSD 2nd LSD 1st LSD Digital Display ■ TERMINAL C : BCD OUTPUT Digital Computation Isolation BCD Output • Connector Pin Assignment PIN NO. 1A 2A 3A 4A 5A 6A 7A 8A 9A 10A 11A 12A 13A 14A 15A 16A 17A 18A 19A 20A 21A 22A 23A 24A 25A ASSIGNMENT COM COM LL L PASS H HH POL RESET HOLD MIN_REQ MAX_REQ REQ COM RUN DAV OVF Do 58 Do 54 Do 52 Do 51 Do 48 Do 44 Do 42 Do 41 PIN NO. 1B 2B 3B 4B 5B 6B 7B 8B 9B 10B 11B 12B 13B 14B 15B 16B 17B 18B 19B 20B 21B 22B 23B 24B 25B ASSIGNMENT Do 38 COM Do 34 COM Do 32 COM Do 31 COM Do 28 COM Do 24 COM Do 22 COM Do 21 Do 68 Do 18 Do 64 Do 14 Do 62 Do 12 Do 61 Do 11 COM COM 1A 1B 25A 25B • Open collector Voltage Level at ON Hi Lo Output Logic Positive Negative Output • Output Logic • Connected to a PLC (example) Use Special cable (model: HDR40) and Connector Terminal Block (model: CNT). Refer to the cable’s data sheet for pin assignments. • Connected to a digital display (example) |