công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMXRT1160CEC bảng dữ liệu(PDF) 96 Page - NXP Semiconductors

tên linh kiện IMXRT1160CEC
Giải thích chi tiết về linh kiện  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1160CEC bảng dữ liệu(HTML) 96 Page - NXP Semiconductors

Back Button IMXRT1160CEC Datasheet HTML 92Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 93Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 94Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 95Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 96Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 97Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 98Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 99Page - NXP Semiconductors IMXRT1160CEC Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
96
NXP Semiconductors
Electrical characteristics
Figure 51. RGMII receive signal timing diagram with internal delay
4.9.5
Controller Area Network (CAN) AC electrical specifications
The Controller Area Network (CAN) module is a communication controller implementing the CAN
protocol according to the CAN with Flexible Data rate (CAN FD) protocol and the CAN 2.0B protocol
specification. The processor has three CAN modules available. Tx and Rx ports are multiplexed with other
I/O pins. See the IOMUXC chapter of the device reference manual to see which pins expose Tx and Rx
pins; these ports are named CAN_TX and CAN_RX, respectively.
Please refer to Section 4.3.2.1, General purpose I/O (GPIO) AC parameters.
4.9.6
LPUART electrical specifications
Please refer to Section 4.3.2.1, General purpose I/O (GPIO) AC parameters.
4.9.7
USB PHY parameters
This section describes the USB-OTG PHY parameters.
The USB PHY meets the electrical compliance requirements defined in the Universal Serial Bus Revision
2.0 OTG with the following amendments.
•
USB ENGINEERING CHANGE NOTICE
— Title: 5V Short Circuit Withstand Requirement Change
— Applies to: Universal Serial Bus Specification, Revision 2.0
•
Errata for USB Revision 2.0 April 27, 2000 as of 12/7/2000
•
USB ENGINEERING CHANGE NOTICE
— Title: Pull-up/Pull-down resistors
— Applies to: Universal Serial Bus Specification, Revision 2.0
•
USB ENGINEERING CHANGE NOTICE
— Title: Suspend Current Limit Changes
— Applies to: Universal Serial Bus Specification, Revision 2.0
•
USB ENGINEERING CHANGE NOTICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More