công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MEX-F-14231-C/B bảng dữ liệu(PDF) 1 Page - M-System Co.,Ltd.

tên linh kiện MEX-F-14231-C/B
Giải thích chi tiết về linh kiện  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MSYSTEM [M-System Co.,Ltd.]
Trang chủ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-F-14231-C/B bảng dữ liệu(HTML) 1 Page - M-System Co.,Ltd.

  MEX-F-14231-C/B Datasheet HTML 1Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 2Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 3Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 4Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MEX-F
MEX-F SPECIFICATIONS
ES-4623 Rev.7 Page 1/5
http://www.m-system.co.jp/
Final Control Elements
VALVE POSITIONER
Functions & Features
• I/I positioner for proportional valve position control in
combination with electric actuator (100 V AC)
• Driving directly AC motor by solid state relay output
• Potentiometer or current feedback selectable
• Timer preventing frequent ON-OFF operation, protecting
motor from overheating
• Retransmitted output standard
Typical Applications
• Single phase AC motor
• Loop powered isolator can be used for isolating between
setpoint input signal and transmitter output signal
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: MEX–F–[1][2][3][4]1–[5][6]
ORDERING INFORMATION
• Code number: MEX–F–[1][2][3][4]1–[5][6]
Specify a code from below for each of [1] through [6].
(e.g. MEX-F-11111-B/B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] OPERATION MODE SELECTOR
1: With
0: Without
[2] POSITION SETPOINT INPUT
1: 4 – 20 mA DC (Input resistance 100 Ω)
2: 1 – 5 V DC (Input resistance 200 kΩ min.)
3: 4 – 12 mA DC (Input resistance 100 Ω)
4: 12 – 20 mA DC (Input resistance 100 Ω)
For switching direct/reverse actions with split ranges, select
"With" for Operation Mode Selector.
[3] POSITION FEEDBACK INPUT
1: Potentiometer
2: Current
[4] CONTROL OUTPUT
1: SSRs incorporated
2: Constant current driving external SSRs
3: 24 V AC dry contact
RE-TRANSMITTED OUTPUT
1: 4 – 20 mA DC
[5] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
[6] OPTIONS (multiple selections)
Brake Function
blank: Without
/B: With (incorporated SSRs control output type only)
Signal Indicator
blank: Without
/E: Front-mounted LCD meter
(with operation mode selector type only)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-4623)


Số phần tương tự - MEX-F-14231-C/B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M-System Co.,Ltd.
MEX-F-14231-C/B MSYSTEM-MEX-F-14231-C/B Datasheet
153Kb / 5P
Final Control Elements
More results

Mô tả tương tự - MEX-F-14231-C/B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com