| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP47FEB12 bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47FEB12 bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 84 page ![]() 2015 Microchip Technology Inc. DS20005466A-page 71 MCP48FVBXX 10.0 PACKAGING INFORMATION 10.1 Package Marking Information Device Number Code Device Number Code MCP48FVB01-E/UN 48FV01 MCP48FVB02-E/UN 48FV02 MCP48FVB01T-E/UN 48FV01 MCP48FVB02T-E/UN 48FV02 MCP48FVB11-E/UN 48FV11 MCP48FVB12-E/UN 48FV12 MCP48FVB11T-E/UN 48FV11 MCP48FVB12T-E/UN 48FV12 MCP48FVB21-E/UN 48FV21 MCP48FVB22-E/UN 48FV22 MCP48FVB21T-E/UN 48FV21 MCP48FVB22T-E/UN 48FV22 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 10-Lead MSOP Example 48FV01 548256 3 e 3 e |