| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1673CS8 bảng dữ liệu(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1673CS8 bảng dữ liệu(HTML) 6 Page - Linear Technology |
|
6 / 12 page ![]() 6 LT1672/LT1673/LT1674 TYPICAL PERFORMANCE CHARACTERISTICS Output Saturation Voltage vs Load Current (Output Low) Input Bias Current vs Common Mode Voltage Output Saturation Voltage vs Load Current (Output High) Noise Current Spectrum Gain and Phase Shift vs Frequency Noise Voltage Spectrum LOAD CURRENT ( µA) 0.1 10 100 1000 10 1 1000 100 1672/3/4 G04 VS = 5V, 0V TA = 85°C TA = –40°C TA = 25°C LOAD CURRENT ( µA) 0.1 10 100 1000 10 1 1000 100 1672/3/4 G05 VS = 5V, 0V TA = 85°C TA = –40°C TA = 25°C COMMON MODE VOLTAGE (V) 0 100 200 300 8 1672/3/4 G06 1.5 0.5 – 0.5 2 4 6 1 –1 9 3 5 7 10 VS = 5V, 0V TA = 85°C TA = 85°C TA = 25°C TA = –40°C TA = –40°C TA = 25°C FREQUENCY (Hz) 1 0 50 100 150 200 300 10 100 1672/3/4 G08 250 VS = ±2.5V FREQUENCY (Hz) 1 0 20 40 60 80 10 100 1672/3/4 G09 100 VS = ±2.5V Distribution of Input Offset Voltage Supply Current vs Temperature Minimum Supply Voltage TOTAL SUPPLY VOLTAGE (V) 1 100 150 200 5 1672/3/4 G03 50 –50 0 2 3 4 TA = 85°C TA = –40°C TA = 25°C TEMPERATURE ( °C) –40 3.0 2.5 2.0 1.5 1.0 0.5 0 20 60 1672/3/4 G02 –20 0 40 80 100 VS = ± 2.5V VS = ±15V INPUT OFFSET VOLTAGE ( µV) –400 20 18 16 14 12 10 8 6 4 2 0 –200 0 100 1672/73/74 G01 –300 –100 200 300 400 VS = 5V, 0V LT1672/73/74 5600 AMPLIFIERS FREQUENCY (Hz) 100 90 80 70 60 50 40 30 20 10 0 –10 120 100 80 60 40 20 0 –20 –40 –60 –80 1k 10k 1672/3/4 G07 PHASE GAIN VS = ±2.5V |