| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP47FEB12 bảng dữ liệu(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47FEB12 bảng dữ liệu(HTML) 89 Page - Microchip Technology |
|
89 / 92 page ![]() 2015 Microchip Technology Inc. DS20005405A-page 89 MCP47FVBXX PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: MCP47FVB01: Single-Channel 8-Bit NV DAC with External + Internal References MCP47FVB02: Dual-Channel 8-Bit NV DAC with External + Internal References MCP47FVB11: Single-Channel 10-Bit NV DAC with External + Internal References MCP47FVB12: Dual-Channel 10-Bit NV DAC with External + Internal References MCP47FVB21: Single-Channel 12-Bit NV DAC with External + Internal References MCP47FVB22: Dual-Channel 12-Bit NV DAC with External + Internal References Address Options: A0 = “1100000” I2C Address A1 = “1100001” I2C Address A2 = “1100010” I2C Address A3 = “1100011” I2C Address Tape and Reel: T = Tape and Reel Blank = Tube Temperature Range: E = -40°C to +125°C Package: ST = Plastic Thin Shrink Small Outline package (TSSOP), 8-lead Examples: a) MCP47FVB01A0T-E/ST: 8-bit VOUT resolution, I2C Address “1100000”, Tape and Reel, extended temp., 8LD TSSOP package b) MCP47FVB01A3T-E/ST: 8-bit VOUT resolution, I2C Address “1100011”, Tape and Reel, extended temp., 8LD TSSOP package a) MCP47FVB11A0-E/ST: 10-bit VOUT resolution, I2C Address “1100000”, Tube, extended temp., 8LD TSSOP package b) MCP47FVB11A3T-E/ST: 10-bit VOUT resolution, I2C Address “1100011”, Tape and Reel, extended temp., 8LD TSSOP package a) MCP47FVB21A0T-E/ST: 12-bit VOUT resolution, I2C Address “1100000”, Tape and Reel, extended temp., 8LD TSSOP package b) MCP47FVB21A3T-E/ST: 12-bit VOUT resolution, I2C Address “1100011”, Tape and Reel, extended temp., 8LD TSSOP package PART NO. X XX Address Temperature Range Device /XX Package Options X Tape and Reel |