| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP47FEB02 bảng dữ liệu(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47FEB02 bảng dữ liệu(HTML) 85 Page - Microchip Technology |
|
85 / 92 page ![]() 2015 Microchip Technology Inc. DS20005405A-page 85 MCP47FVBXX C.7 Offset Error (EOS) The offset error is the delta voltage of the VOUT voltage from the ideal output voltage at the specified code. This code is specified where the output amplifier is in the linear operating range; for the MCP47FVBXX we specify code 100 (decimal). Offset error does not include gain error, which is illustrated in Figure C-2. This error is expressed in mV. Offset error can be neg- ative or positive. The offset error can be calibrated by software in application circuits. FIGURE C-2: Offset Error (Zero Gain Error). C.8 Offset Error Drift (EOSD) The Offset error drift is the variation in offset error due to a change in ambient temperature. The offset error drift is typically expressed in ppm/°C or µV/°C. C.9 Gain Error (EG) Gain error is a calculation based on the ideal slope using the voltage boundaries for the linear range of the output driver (ex code 100 and code 4000) (see Figure C-3). The Gain error calculation nullifies the device’s offset error. The gain error indicates how well the slope of the actual transfer function matches the slope of the ideal transfer function. The gain error is usually expressed as percent of full-scale range (% of FSR) or in LSb. FSR is the ideal Full Scale voltage of the DAC (see Equation C-5). FIGURE C-3: Gain Error and Full-Scale Error Example. EQUATION C-5: EXAMPLE GAIN ERROR C.10 Gain-Error Drift (EGD) The Gain-error drift is the variation in gain error due to a change in ambient temperature. The gain error drift is typically expressed in ppm/°C (of full scale range). Ideal Transfer Actual DAC Input Code 0 Zero-Scale Error (EZS) Offset Function 100 4000 Error (EOS) Transfer Function Ideal Transfer Actual DAC Input Code 0 Full-Scale Error (EFS) Gain Error (EG) Function 100 4000 4095 VREF Transfer Function (@ code = 4000) Ideal Transfer Function shifted by Offset Error (crosses at start of defined linear range) Where: EG is expressed in %of Full-Scale Range (FSR) VOUT(@4000) = The measured DAC output voltage at the specified code. VOUT_Ideal(@4000) = The calculated DAC output voltage at the specified code. ( 4000 * VLSb(Ideal) ) VOS = Measured offset voltage. VFull Scale Range = Expected Full-Scale output value (such as the VREF voltage). EG = * 100 ( VOUT(@4000) - VOS - VOUT_Ideal(@4000) ) VFull-Scale Range |