| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6V51T-E/MS bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6V51T-E/MS bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 43 page ![]() MCP6V51 DS20006136A-page 2 2018 Microchip Technology Inc. Figure 1 and Figure 2 show input offset voltage versus ambient temperature for different power supply voltages. FIGURE 1: Input Offset Voltage vs. Ambient Temperature with VDD =4.5V. FIGURE 2: Input Offset Voltage vs. Ambient Temperature with VDD = 45V. As seen in Figure 1 and Figure 2, the MCP6V51 op amps have excellent performance across temperature. The input offset voltage temperature drift (TC1) shown is well within the specified maximum values of 31 nV/°C at VDD = 4.5V and 36 nV/°C at VDD =45V. This performance supports applications with stringent DC precision requirements. In many cases, it will not be necessary to correct for temperature effects (i.e., calibrate) in a design. In the other cases, the correction will be small. -8 -6 -4 -2 0 2 4 6 8 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) 22 Samples V DD = 4.5V -8 -6 -4 -2 0 2 4 6 8 -50 -25 0 255075 100 125 Ambient Temperature (°C) 22 Samples V DD = 45V |