| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MDW5ALW bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MDW5ALW bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: MDW5ALW MDW5ALW SPECIFICATIONS ES-8218 Rev.4 Page 5/5 http://www.m-system.co.jp/ ■ NETWORK CONFIGURATION Protected Devices (Nodes) M-RESTER G G G M-RESTER G G G Protected Devices (Nodes) • The M-RESTER is applicable to networks which consist only of FTT-10A. Not applicable to the ones connected to Link Power network. • The maximum number of nodes connectable to the network segment is reduced by one when one unit of M-RESTER is added. • When the distance between nodes are relatively long (e.g. grouped and separated by cabinets), install the M-RESTER by each group of devices. Insert the M-RESTER at the surge side of the network. • For detailed information on the network, refer to LONWORKS FTT-10A Free Topology Transceiver User’s Guide provided by Echelon. Crossover Wire Crossover Wire Grounding Panel / Cabinet Protected Side Surge Side Network Cable Network Cable Panel / Cabinet Protected Side Surge Side Network Cable Specifications are subject to change without notice. |