| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MDW5CC bảng dữ liệu(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MDW5CC bảng dữ liệu(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: MDW5-CC MDW5-CC SPECIFICATIONS ES-8220 Rev.5 Page 2/3 https://www.m-system.co.jp/ CONNECTION EXAMPLES MDW5-CC MDW5-CC Surge Side Surge Side Panel / Cabinet Panel / Cabinet Protected Side Network Cable Protected Side Network Cable Protected Devices (Stations) Protected Devices (Stations) • Install the lightning surge protector in a place where it is considered lightning surge may enter (where the space between panels/cabinets are greatly separated, such as outdoor wiring). • About total transmission speed, install 2 surge protectors as maximum per 1 network to use the maximum transmission distance.*1 Also, connecting the surge protector, serial resistance or the number of CC-Link devices capacitance, are added to the network, therefore, it is needed to reduce the maximum number of slave stations per number of surge protector’s connections. Reduce until 5 the number of slave station connections per 1 surge protector. If you install 2 surge protectors, the maximum number of connections is 54. • To keep good communication quality, leave a distance of at least 20 cm between units, and as short as possible length for the cable of the surge protector and protected devices. • Irrespectively of transmission speed, T junction connection is not available. • Make the wiring in concordance with Ver.1.1.0 specifications. • Refer to “Cable Wiring Manual” issued by CC-Link Partner Association for CC-Link network details. ■ NETWORK WITH BRANCH • When lightning surge may enter from cables more than one, use the repeater (T-Branch) units and make T-Branch network so that additional surge protectors can be installed. • The maximum number of surge protectors for each branch is two (2).*1 • When 2 surge protectors are used on each of both trunk and branch networks (see below), 54 CC-Link devices can be installed on the each networks. • In case of using repeater (T-Branch) unit, refer to “Cable Wiring Manual” issued by CC-Link Partner Association and manual of the unit. *1. if the CC-Link devices used capacitance is low or transmission distance is short, there are cases that it is due to the slave stations are less than the number of the maximum connections, or to the arrester extension. In such a case, check all connection installation. ■ NETWORK CONFIGURATION FG FG FE FE Earthing Earthing MDW5-CC Repeater Unit MDW5-CC CC-Link Device CC-Link devices Surge Protector MDW5-CC MDW5-CC Trunk Network Branch Network Surge Protector Surge Protector Surge Protector CC-Link devices |