công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MEX-B-B bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd.

tên linh kiện MEX-B-B
Giải thích chi tiết về linh kiện  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MSYSTEM [M-System Co.,Ltd.]
Trang chủ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-B-B bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd.

  MEX-B-B Datasheet HTML 1Page - M-System Co.,Ltd. MEX-B-B Datasheet HTML 2Page - M-System Co.,Ltd. MEX-B-B Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MEX-B
MEX-B SPECIFICATIONS
ES-4614 Rev.10 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Ref. Volt.
Generator
Voltage
Amplifier
SSR
SSR
5
6
4
2
7
8
U
V
+
+
3
Amplifier
Base Socket
S
Z
AC MOTOR
POWER
Output
Driver
Timer
Compa-
rator
1
10
11
9
min.
max.
FEEDBACK
POT
max.
min.
+
A
100Ω
DEADBAND
ADJ.
TIMER
SETPOINT
RE-TRANSMITTED OUTPUT
M
EXPLANATIONS OF TERMS
• SSR (Solid State Relay)
Composed only of semiconductor parts, SSR is free from arc discharge or chattering which is typical with electromagnetic
relays. It features excellent characteristics against vibration, physical impact or other environmental conditions.
• Zero-Cross Function
SSR with zero-cross function turns on when AC power voltage is near zero, creating delay of switching when input is provided in
the middle of an wave cycle, thus limiting transient switching noise voltage and rush current.
• Bonding
An silicone adhesive reinforces the part, which is sensitive to vibration, on PWB. The improvement of vibration performance is
not assured.
Specifications are subject to change without notice.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com