công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KA2201 bảng dữ liệu(PDF) 26 Page - List of Unclassifed Manufacturers

tên linh kiện KA2201
Giải thích chi tiết về linh kiện  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

KA2201 bảng dữ liệu(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button KA2201 Datasheet HTML 22Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 23Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 24Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 25Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 26Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 27Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 28Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 29Page - List of Unclassifed Manufacturers KA2201 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
362
Order Online
www.mcmelectronics.com
NET 30
Terms
Semiconductors/
Components
section
16
Order #
µF
(1-4)
(5-9)
(10-24)
50 Volts
31-9100
2200
$3.93
$3.57
$3.39
31-9105
2700
3.85
3.60
3.43
31-9110
3300
4.06
3.80
3.62
31-9115
3900
4.65
4.36
4.14
31-9120
4700
5.52
5.17
4.91
31-9125
5600
5.95
5.57
5.29
31-9130
6800
6.92
6.48
6.16
31-9135
8200
7.14
6.68
6.36
31-9140
10000
8.57
8.02
7.62
31-9145
12000
10.66
9.98
9.49
31-9150
15000
12.05
11.28
10.71
31-9155
18000
15.95
15.35
14.58
31-9160
22000
18.95
17.56
16.69
80 Volts
31-9165
4700
9.79
9.17
8.71
31-9170
5600
10.82
10.14
9.63
31-9175
6800
12.97
12.14
11.54
31-9180
8200
18.92
17.72
16.83
31-9185
10000
20.54
19.24
18.27
100 Volts
31-9190
1000
4.69
4.40
4.17
31-9195
1500
6.43
6.02
5.72
31-9200
2200
8.48
7.94
7.55
31-9205
3300
11.05
10.34
9.83
31-9210
4700
15.25
13.87
13.17
200 Volts
31-9215
150
3.38
3.16
3.01
31-9220
220
3.72
3.48
3.31
31-9225
270
3.64
3.41
3.23
31-9230
330
3.91
3.66
3.47
31-9235
390
4.42
4.14
3.93
31-9240
470
4.76
4.46
4.23
31-9245
560
5.12
4.79
4.55
31-9250
680
6.09
5.70
5.42
31-9255
820
6.82
6.39
6.07
31-9260
1000
7.68
7.19
6.83
31-9265
1500
10.07
9.43
8.96
31-9270
2200
14.76
13.82
13.13
250 Volts
31-9275
100
3.49
3.28
3.11
31-9280
120
3.66
3.43
3.25
31-9285
150
3.80
3.55
3.38
31-9290
180
3.82
3.58
3.40
31-9295
220
3.64
3.41
3.23
31-9300
270
4.13
3.87
3.68
31-9305
330
4.74
4.44
4.22
Order #
µF
(1-4)
(5-9)
(10-24)
250 Volts
31-9310
390
$5.26
$4.92
$4.68
31-9315
470
6.38
5.97
5.68
31-9320
560
7.24
6.78
6.44
31-9325
680
8.02
7.51
7.13
31-9330
820
9.00
8.43
8.00
31-9335
1000
8.12
7.60
7.22
31-9340
1200
15.46
14.47
13.75
400 Volts
31-9345
68
3.81
3.56
3.39
31-9350
82
4.06
3.80
3.62
31-9355
100
4.36
4.08
3.87
31-9360
120
4.99
4.68
4.44
31-9365
150
5.53
5.18
4.92
31-9370
180
5.75
5.39
5.12
31-9375
220
6.56
6.14
5.83
31-9380
270
7.41
6.93
6.59
31-9385
330
8.51
7.96
7.57
31-9390
390
9.97
9.34
8.87
31-9395
470
11.05
10.34
9.83
31-9400
560
15.79
14.79
14.05
450 Volts
31-9405
47
4.07
3.81
3.63
31-9410
68
4.18
3.91
3.72
31-9415
82
4.40
4.12
3.91
31-9420
100
5.21
4.87
4.64
31-9425
120
6.26
5.86
5.56
31-9430
150
7.28
6.82
6.48
31-9435
180
8.38
7.85
7.46
31-9440
220
10.32
9.66
9.18
31-9445
270
12.17
11.40
10.83
31-9450
330
14.35
13.43
12.76
31-9455
390
16.55
15.49
14.72
31-9460
470
19.21
17.99
17.09
500 Volts
31-9465
47
4.18
3.91
3.72
31-9470
68
5.78
5.41
5.14
31-9475
82
6.46
6.06
5.75
31-9480
100
8.20
7.67
7.29
31-9485
120
8.86
8.29
7.88
31-9490
150
10.48
9.82
9.32
31-9495
180
11.66
10.92
10.37
31-9500
220
12.82
12.00
11.40
31-9505
270
16.06
15.04
14.29
31-9510
330
18.65
17.46
16.58
31-9515
390
19.94
18.67
17.74
31-9520
470
23.84
22.33
21.21
Radial Snap-In High Temperature 105°C Low ESR
Electrolytic Capacitors
•Featuring extended range of values and long life
•Ideal for power supply use •Tolerance ±20%
Snap-In Mount
High Voltage
Aluminum Electrolytic
Capacitors
•Type 82DA snap mount
•Operating temperature;
-40°C~85°C •Capacitance
tolerance: ± 20%
Order #
µF
(1-9)
(10-49)
(50-up)
200 Volts
31-3385
820
$4.39
$3.69
$3.19
31-3390
1000
5.29
4.29
3.39
31-3405
2200
11.95
9.95
7.95
400 Volts
31-3480
560
8.49
7.49
6.49
450 Volts
31-3500
470
6.49
5.49
4.99
500 Volts
31-3515
220
7.59
6.59
5.89
31-3525
390
8.49
7.49
6.99
31-3530
470
15.19
13.99
11.99
Order #
Voltage
µF
(1-9)
(10-49)
(50-up)
310-025
25
2.2
$2.25
$1.85
$1.49
310-460
25
2.7
2.34
1.94
1.61
310-045
25
3.3
2.32
1.94
1.59
310-465
25
3.9
2.47
2.04
1.70
310-065
25
4.7
2.81
2.32
1.96
310-470
25
5.6
2.69
2.21
1.84
310-085
25
6.8
3.21
2.62
2.16
310-105
25
8.5
3.60
3.02
2.42
310-125
25
10.0
3.89
3.20
2.62
310-135
25
12.0
4.05
3.24
2.78
310-145
25
15.0
4.39
3.59
3.02
310-155
25
16.0
4.74
3.72
3.15
310-475
25
18.0
4.84
4.00
3.33
310-185
25
22.0
5.11
4.23
3.53
310-480
35
2.2
2.16
1.78
1.48
310-485
35
2.7
2.41
1.99
1.65
310-490
35
3.3
2.94
2.42
2.02
310-205
35
4.7
3.03
2.48
2.03
310-495
35
5.6
3.94
3.24
2.71
310-215
35
6.8
3.60
2.89
2.42
310-500
35
8.2
4.25
3.50
2.91
310-225
35
10.0
4.50
3.71
3.02
310-235
50
1.0
2.13
1.73
1.49
310-505
50
1.5
1.69
1.39
1.16
310-255
50
2.2
1.69
1.39
1.18
310-510
50
2.7
2.25
1.85
1.54
Order #
Voltage
µF
(1-9)
(10-49)
(50-up)
310-265
50
3.3
$2.54
$2.16
$1.82
310-275
50
3.9
2.93
2.42
1.96
310-285
50
4.7
2.96
2.49
2.03
310-295
50
5.6
3.21
2.62
2.16
310-305
50
6.8
3.55
2.85
2.39
310-315
50
8.2
3.83
3.12
2.66
310-335
50
10.0
4.44
3.66
3.08
310-345
50
12.0
4.74
3.94
3.24
310-355
50
15.0
4.97
4.06
3.48
310-395
50
22.0
5.42
4.41
3.71
310-415
50
33.0
5.64
4.64
3.83
310-425
50
47.0
6.09
4.99
4.17
310-515
100
1.0
2.66
2.19
1.82
310-520
100
1.5
2.75
2.27
1.88
310-525
100
2.2
2.81
2.32
1.94
310-530
100
2.7
3.28
2.71
2.26
310-435
100
3.3
3.72
3.02
2.55
310-535
100
3.9
3.94
3.24
2.71
310-455
100
4.7
4.44
3.66
3.08
310-540
100
5.6
4.84
4.00
3.33
310-545
100
6.8
4.97
4.10
3.41
310-550
100
8.2
5.16
4.25
3.54
310-555
100
10.0
5.47
4.51
3.76
310-560
100
12.0
5.88
4.84
4.04
310-565
100
15.0
6.06
5.00
4.16
310-570
100
16.0
6.22
5.13
4.27
High Voltage Ceramic
Disc Capacitors
•Available in 1000, 3000 and 6000 VDC
•Operating temperature: -25°C ~ +85°C
•Tolerance ±20% •Manufacturer: Vishay Sprague
Order #
PF
(1-9)
(10-49)
(50-up)
1000VDC
18F2677
10
$0.39
$0.35
$0.31
18F2685
33
0.37
0.34
0.30
18F2687
47
0.37
0.34
0.30
18F2693
100
0.37
0.34
0.30
18F2702
330
0.37
0.34
0.30
18F2705
470
0.37
0.34
0.30
18F2706
500
0.37
0.34
0.30
66C8263
1200
0.37
0.34
0.30
18F2716
2000
0.37
0.34
0.30
18F2717
2200
0.37
0.34
0.30
66C8268
2500
0.37
0.34
0.30
18F2719
2700
0.37
0.34
0.30
18F2720
3000
0.37
0.34
0.30
18F2721
3300
0.37
0.34
0.30
18F2725
4700
0.34
0.28
0.24
87F2215
6800
0.37
0.33
0.29
87F2216
8200
0.37
0.34
0.30
3000VDC
46F5260
10
0.39
0.35
0.31
46F5265
33
0.29
0.24
0.20
46F5267
56
0.39
0.34
0.30
46F5268
68
0.39
0.35
0.31
46F5270
150
0.39
0.35
0.31
46F5283
4700
0.56
0.49
0.42
46F5284
6800
0.63
0.57
0.49
46F5286
10000
0.86
0.81
0.68
6000VDC
46F5236
10
0.56
0.49
0.42
46F5240
100
0.56
0.49
0.43
46F5241
220
0.56
0.49
0.43
46F5247
3300
1.29
1.02
0.85
46F5248
4700
1.79
1.47
1.26
125°C Computer Grade Radial
Non-Polarized/High Frequency/High-Temperature HD Capacitors
These radial aluminum electrolytics are rated for high frequency applications
and are used in horizontal deflection circuits making them perfect for flyback
circuitry. They are high temperature rated (up to 125°C) so they are less
susceptible to heat stress.
C52_pg_362
8/17/07
5:24 PM
Page 362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31