| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5532-AS bảng dữ liệu(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS5532-AS bảng dữ liệu(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 31 page ![]() 363 Order Toll Free 1-800-543-4330, FAX 1-800-765-6960 363 Order Toll Free 1-800-543-4330 Fax 1-800-765-6960 NET 30 Terms Semiconductors/ Components section 16 Radial Multilayer Ceramic Capacitors •Conformally coated •Available in COG, X7R and Z5U temperature characteristics •Ultra high encapsulation consists of moisture and shock resistant coating that meets UL94V-0 •Excellent for filtering, bypass, coupling and noise suppression applications Order # Value pF Type Qty per bag (1-4 bags) (5-9 bags) 50V 31-4785 10000 X7R 5 $0.96 $0.76 31-4625 22000 X7R 1 0.20 0.09 31-4890 47000 X7R 5 1.06 0.88 31-4895 100000 X7R 5 1.06 0.88 31-4915 100000 Z5U 5 1.06 0.85 31-4900 220000 X7R 5 1.60 1.39 31-4590 330000 X7R 1 0.53 0.48 31-4905 470000 X7R 5 3.79 3.39 31-4600 680000 Z5U 1 1.06 0.99 31-4925 1000000 Z5U 5 1.60 1.39 31-4685 1500000 Z5U 1 0.63 0.57 31-4690 2200000 Z5U 1 1.81 1.75 31-4695 3300000 Z5U 1 2.34 2.13 100V 31-4730 100 COG 5 0.96 - 31-4735 220 COG 5 0.96 0.76 31-4740 330 COG 5 0.96 0.74 31-4840 470 COG 5 1.06 0.85 31-4845 1000 COG 5 1.06 0.88 31-4850 1000 X7R 5 1.06 0.85 31-4855 2200 X7R 5 0.99 0.94 31-4860 3300 X7R 5 1.06 0.85 31-4865 4700 X7R 5 1.06 0.85 31-4870 10000 X7R 5 1.06 0.85 31-4875 22000 X7R 5 1.06 0.88 31-4880 100000 X7R 5 1.06 0.88 200V 31-4810 10 COG 5 1.06 0.85 31-4815 22 COG 5 1.06 0.85 31-4820 33 COG 5 1.06 0.85 31-4825 47 COG 5 1.06 0.85 31-4830 100 COG 5 1.06 0.88 Ceramic Disc Capacitors •Five per bag •Voltage 1000 *except #31-1630 is 500 •Sorry-no mixing of values for quantity pricing •Size and color may vary Price Per Bag Order # Value (1-4) (5-9) (10-24) 31-1450 2.2pF $0.87 $0.75 $0.58 31-1455 3.3pF 0.87 0.77 0.60 31-1465 4.7pF 0.87 0.75 0.58 31-1470 5.6pF 0.87 0.75 0.58 31-1485 10pF 0.87 0.75 0.58 31-1495 22pF 0.87 0.75 0.58 31-1500 33pF 0.87 0.75 0.58 31-1505 39pF 0.87 0.75 0.58 31-1510 47pF 0.87 0.77 0.60 31-1515 56pF 0.87 0.77 0.60 31-1520 68pF 0.89 0.79 0.61 31-1525 82pF 0.87 0.75 0.58 31-1530 100pF 0.87 0.77 0.60 31-1535 150pF 0.87 0.77 0.60 31-1540 220pF 0.87 0.77 0.60 31-1545 330pF 0.87 0.77 0.60 31-1550 390pF 0.87 0.77 0.60 31-1555 470pF 0.87 0.77 0.60 31-1560 560pF 0.87 0.75 0.58 31-1565 680pF 0.87 0.77 0.60 31-1570 820pF 0.87 0.77 0.60 31-1575 .001µF 0.87 0.77 0.60 31-1580 .0022µF 0.87 0.75 0.58 31-1585 .0033µF 0.87 0.77 0.60 31-1590 .0047µF 1.14 1.01 0.90 31-1595 .0056µF 1.14 1.01 0.90 31-1600 .0068µF 1.14 1.01 0.90 31-1605 .0082µF 1.14 1.01 0.90 31-1610 .01µF 1.14 1.01 0.90 31-1615 .022µF 2.08 1.96 1.78 31-1620 .033µF 2.08 1.90 1.73 31-1625 .047µF 3.06 2.84 2.51 31-1630* .1µF 3.75 3.45 3.06 Note: First two digits are the MCM code number and the digits following the hyphen are the resistance value. Sorry-no mixing of types/values for quantity pricing. 1 ⁄2 Watt Fusible Metal Film Flameproof Resistors •5% tolerance •20 per bag 370-.22 370-.47 370-1 370-2.2 370-2.7 370-3.3 370-4.7 370-5.6 370-10 370-22 370-47 370-68 370-100 370-1K $2.28(1-2 bags) . . . .$2.08(3-5 bags) . . .$1.87(6 bags-up) 1 ⁄4 Watt Flameproof Resistors •5% tolerance •Twenty per bag 66-.33 66-.47 66-.68 66-1.0 66-1.2 66-1.5 66-2.2 66-2.7 66-3.3 66-4.7 66-10 66-15 66-22 66-33 66-39 66-56 66-82 66-100 66-120 66-150 66-180 66-220 66-270 66-330 66-390 66-470 66-820 66-1K 66-1.5K 66-3.3K 66-3.9K 66-5.6K 66-8.2K 66-10K 66-15K 66-18K 66-22K 66-33K 66-39K 66-47K 66-100K 66-220K 66-240K 66-270K 66-1M 66-2.7M $2.18(1-2 bags) . . .$2.04(3-5 bags) . . .$1.81(6 bags-up) 1 ⁄2 Watt Flameproof Resistors •5% tolerance •20 per bag 37-.22 37-.33 37-.47 37-.51 37-.62 37-.68 37-.82 37-1 37-1.2 37-1.5 37-1.8 37-2.0 37-2.2 37-2.7 37-3.3 37-3.9 37-4.3 37-4.7 37-5.1 37-5.6 37-6.8 37-8.2 37-10 37-12 37-15 37-18 37-22 37-27 37-30 37-33 37-39 37-43 37-47 37-51 37-56 37-62 37-68 37-75 37-82 37-91 37-100 37-120 37-150 37-180 37-200 37-220 37-240 37-270 37-330 37-390 37-470 37-510 37-560 37-680 37-750 37-820 37-910 37-1K 37-1.2K 37-1.5K 37-1.8K 37-2K 37-2.2K 37-2.7K 37-3K 37-3.3K 37-3.9K 37-4.7K 37-5.6K 37-6.8K 37-8.2K 37-10K 37-15K 37-22K 37-27K 37-33K 37-39K 37-47K 37-56K 37-68K 37-82K 37-91K 37-100K 37-120K 37-150K 37-180K 37-200K 37-320K 37-1.3M 37-1.5M $2.40(1-2 bags) . . .$2.25(3-5 bags) . . .$2.14(6 bags-up) 1 Watt Flameproof Resistors •5% tolerance except for 67-1.0M which has a 10% tolerance •Ten per bag 67-.51 67-.68 67-1.0 67-1.2 67-1.5 67-2.0 67-2.2 67-2.7 67-3.0 67-3.3 67-4.7 67-5.1 67-5.6 67-10 67-15 67-22 67-24 67-27 67-33 67-43 67-47 67-56 67-68 67-100 67-120 67-150 67-220 67-270 67-330 67-470 67-560 67-820 67-1K 67-2.2K 67-3.9K 67-8.2K 67-10K 67-15K 67-18K 67-22K 67-27K 67-39K 67-47K 67-100K 67-470K $1.03(1-5 bags) . .$0.85(6-10 bags) . .$0.74(11 bags-up) 1 ⁄8 Watt Carbon Film Resistors •5% tolerance •20 per bag 65-75 65-100 65-220 65-270 65-470 65-1K 65-1.5K 65-2.2K 65-4.7K 65-10K 65-1M $1.10(1-2 bags) . . . .$0.96(3-5 bags) . . .$0.85(6 bags-up) 1 Watt Carbon Film Resistors •5% tolerance •20 per bag 43-.47 43-1 43-1.2 43-2.0 43-2.2 43-2.7 43-3.3 43-10 43-150 43-220 43-330 43-1K 43-100K 43-270K 43-470K 43-2.2M $2.82(1-2 bags) . . .$2.74(3-5 bags) . . .$2.58(6 bags-up) 2 Watt Wire Wound Resistors •10% tolerance •Five per bag 44-.10 44-.22 44-.27 44-.33 44-.39 44-.47 44-.68 44-.82 44-1.2 44-2.2 44-3.3 44-3.9 44-5.6 44-8.2 44-10 44-22 44-39 44-68 44-560 44-1K 44-22K $1.87(1-3 bags) . . . $1.67(4-9 bags) . . .$1.13(10 bags-up) 3 Watt Wire Wound Resistors •10% tolerance •Five per bag 45-.22 45-.47 45-2 45-10 $2.08(1-3 bags) . . . .$1.81(4-9 bags) . . .$1.28(10 bags-up) 5 Watt Wire Wound Resistors •10% tolerance •Five per bag 46-.10 46-.22 46-.27 46-.33 46-.47 46-.51 46-.68 46-.82 46-1 46-1.2 46-2.7 46-3.3 46-4 46-5 46-5.1 46-7.5 46-10 46-20 46-33 46-47 46-100 46-150 46-200 46-220 46-250 46-300 46-330 46-470 46-1K 46-2K 46-6.8K $2.18(1-3 bags) . . .$1.93(4-9 bags) . .$1.39(10 bags-up) 10 Watt Wire Wound Resistors •10% tolerance •Five per bag 47-.33 47-.47 47-1 47-2 47-2.7 47-4 47-4.7 47-5 47-6.8 47-7.5 47-8.2 47-10 47-15 47-30 47-50 47-75 47-200 47-250 47-1K 47-10K $2.50(1-3 bags) . . .$2.14(4-9 bags) . .$1.71(10 bags-up) 7 Watt Wire Wound Resistors •10% tolerance •Five per bag 62-2.7 $2.40(1-3 bags) . . .$2.14(4-9 bags) . . .$1.71(10 bags-up) 7 Watt PC Standoff Resistors •10% tolerance •Dimensions: 13⁄8" (W) x 3⁄8" (H) x 3⁄8" (D) •Lead length: 1⁄2" •5 per bag 116-1 116-2 116-5.6 $4.17(1-49 bags) . . . . . . . . . . . . . . . .$3.65(50 bags-up) 1 ⁄4 Watt Carbon Film Resistors •5% tolerance •20 per bag 34-.68 34-1.0 34-1.2 34-2.7 34-3.3 34-4.7 34-5.6 34-10 34-12 34-15 34-18 34-20 34-22 34-27 34-33 34-39 34-47 34-51 34-56 34-68 34-75 34-82 34-100 34-120 34-150 34-180 34-200 34-220 34-240 34-270 34-330 34-390 34-470 34-560 34-620 34-680 34-820 34-1K 34-1.2K 34-1.5K 34-1.8K 34-2K 34-2.2K 34-2.7K 34-3K 34-3.3K 34-4.7K 34-5.1K 34-5.6K 34-8.2K 34-10K 34-12K 34-15K 34-20K 34-22K 34-33K 34-39K 34-47K 34-68K 34-100K 34-120K 34-180K 34-220K 34-270K 34-330K 34-470K 34-680K 34-1M 34-2.2M 34-4.7M 34-10M $1.20(1-2 bags) . . .$1.03(3-5 bags) . .$0.93(6 bags-up) Resistors C52_pg_363 8/17/07 5:25 PM Page 363 |