| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPD-33PD-V/Q bảng dữ liệu(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LPD-33PD-V/Q bảng dữ liệu(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: LPD http://www.m-system.co.jp/ LPD SPECIFICATIONS ES-1989 Rev.6 Page 1/3 Power Transducer Series L-UNIT PHASE ANGLE TRANSDUCER (between two voltages) Functions & Features • Providing a DC output signal in proportion to phase angle between two voltages • Can accept both line voltages and phase voltages • DC output containing little ripple is ideal for computer input • Isolation up to 2000 V AC • High-density mounting Typical Applications • Matching the phase of two power lines in order to turn on the circuit breaker 75 (2.95) 112 (4.41) 75 (2.95) mm (inch) MODEL: LPD–[1][2][3][4]–[5][6] ORDERING INFORMATION • Code number: LPD–[1][2][3][4]-[5][6] Specify a code from below for each [1] through [6]. (e.g. LPD-11MA-C/Q) • Special output range (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/S01) [1] INPUT VOLTAGE Phase voltage / line voltage 1: 63.5 V / 110 V AC 2: 127 V / 220 V AC 3: 110 V / 190 V AC 4: 220 V / 380 V AC [2] INPUT RANGE 1: Lag 30°– 0 – lead 30° or Lead 30° – 0 – lag 30° 2: Lag 45°– 0 – lead 45° or Lead 45° – 0 – lag 45° 3: Lag 60°– 0 – lead 60° or Lead 60° – 0 – lag 60° [3] OUTPUT SIGNAL POLARITY P: Negative in lag, positive in lead M: Negative in lead, positive in lag [4] OUTPUT Current A: 4 – 20 mA DC (Load resistance 550 Ω max.) B: 2 – 10 mA DC (Load resistance 1100 Ω max.) C: 1 – 5 mA DC (Load resistance 2200 Ω max.) D: 0 – 20 mA DC (Load resistance 550 Ω max.) E: 0 – 16 mA DC (Load resistance 650 Ω max.) F: 0 – 10 mA DC (Load resistance 1100 Ω max.) G: 0 – 1 mA DC (Load resistance 11 kΩ max.) J: 0 – 5 mA DC (Load resistance 2200 Ω max.) DW: -20 – +20 mA DC (Load resistance 550 Ω max.) FW: -10 – +10 mA DC (Load resistance 1100 Ω max.) GW: -1 – +1 mA DC (Load resistance 11 kΩ max.) JW: -5 – +5 mA DC (Load resistance 2200 Ω max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 1W: -10 – +10 mV DC (Load resistance 10 kΩ min.) 2W: -100 – +100 mV DC (Load resistance 100 kΩ min.) 3W: -1 – +1 V DC (Load resistance 1000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) 5W: -5 – +5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [5] AUXILIARY POWER SUPPLY AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power R: 24 V DC V: 48 V DC P: 110 V DC |
Số phần tương tự - LPD-33PD-V/Q |
|
Mô tả tương tự - LPD-33PD-V/Q |