công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ITA6VB1 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện ITA6VB1
Giải thích chi tiết về linh kiện  BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITA6VB1 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  ITA6VB1 Datasheet HTML 1Page - STMicroelectronics ITA6VB1 Datasheet HTML 2Page - STMicroelectronics ITA6VB1 Datasheet HTML 3Page - STMicroelectronics ITA6VB1 Datasheet HTML 4Page - STMicroelectronics ITA6VB1 Datasheet HTML 5Page - STMicroelectronics ITA6VB1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ITAxxB1
4/6
This monolithic Transil Array is based on 6 unidirectional Transils with a common cathode and can be con-
figurated to offer up to 5 bidirectional functions. This imposes a maximum differential voltage between 2
input pins (see table 4).
Table 4: Application information
Figure 8: RS-232 junction (typical application)
Figure 9: Ordering Information Scheme
Types
Maximum differential voltage between two input pins at 25°C
ITA6V5B1
+ / - 3.5 v
ITA10B1
+ / - 5.0 v
ITA18B1
+ / - 9.0 v
ITA25B1
+ / - 12.5 v
GND
CTS
RTS
TX
RX
ITA
25
B
1
RL
Integrated Transil Array
Breakdown Voltage (min)
Type of lines protected
Package
Packaging
25 = 25 Volt
B = Bidirectional
1 = SO-8
RL = Tape & reel
Blank = Tube



Html Pages

1 2 3 4 5 6