| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMS-B5-G/Q bảng dữ liệu(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LMS-B5-G/Q bảng dữ liệu(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: LMS LMS SPECIFICATIONS ES-1627 Rev.2 Page 2/4 http://www.m-system.co.jp/ [4] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -5 to +105 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) Limit adjustments: Multi-turn screwdriver adjustments (front); 0 – 100 %; factory set to 0 % for low, 100 % for high Monitor output: 0 – 10 V for 0 – 100 % limit Monitor jacks: 2 mm (.08") dia. INPUT SPECIFICATIONS ■ DC Current: Shunt resistor attached to the input terminals (0.5 W) Specify input resistance value for code Z. ■ DC Voltage: -300 – +300 V DC Minimum span: 3 mV Offset: Max. 1.5 times span Input resistance Span 3 – 10 mV : ≥ 10 kΩ Span 10 – 100 mV : ≥ 10 kΩ Span 0.1 – 1 V : ≥ 100 kΩ Span ≥ 1 V : ≥ 1 MΩ OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max.; 5 mA for negative voltage output; at ≥ 0.5 V INSTALLATION Power input • AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz, approx. 2 VA • DC: Operational voltage range: rating ±10 %, or 85 – 150 V for 110 V rating (ripple 10 % p-p max.) approx. 2 W (90 mA at 24 V) Operating temperature: -5 to +60°C (23 to 140°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 300 g (0.66 lb) PERFORMANCE in percentage of span Accuracy: ±0.1 % Limit monitor accuracy: ± 0.25 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Response time: ≤ 0.5 sec. (0 – 90 %) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) |