| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MD7ST-24FG10/Q bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7ST-24FG10/Q bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: MD7ST MD7ST SPECIFICATIONS ES-8057 Rev.10 Page 4/6 http://www.m-system.co.jp/ CONNECTION EXAMPLES 5 2 8 4 1 (SHLD) DIN RAIL DIN RAIL ADAPTOR Current Loop Supply 4 – 20mA Transmitter Field-mount Surge Protector (model: MD6x) + – + – FG Protected Side Crossover Wire Surge Side *1.Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground. Use a steel or copper rail. *2.Be sure to ground the DIN rail. Recommended grounding resistance ≤100Ω *3.Cross-wire between the DIN rail and the metal housing of the protected device to equalize the earth potential. Ground only the surge protector when the protected device has no ground terminal. *4.Shield wiring method is an example. Proceed according to the system requirements. *4 *2 *1 *3 EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 8 6 5 4 1 2 3 7 4 1 5 2 6 3 8 7 7 (.28) 98 (3.86) [1.5 (.05)] 8–M3 EURO TERMINAL DIN RAIL (35 mm wide) DIN RAIL ADAPTOR WIRE INSERTION ANGLE: approx. 20° LOOP DISCONNECT FUSE (option) |