| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M8BS1-16Y1-R bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS1-16Y1-R bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: M8BS1-16 M8BS1-16 SPECIFICATIONS ES-5494 Rev.12 Page 4/6 http://www.m-system.co.jp/ ■ CONNECTION DIAGRAM A B C D CN1 Ch.1 INPUT* A B C D Ch.16 INPUT* + – + – 4 5 FG 3 U V AC POWER FG + – POWER 3 2 1 A B C D CN1 Ch.1 INPUT* A B C D Ch.16 INPUT* + – + – OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT* Ch.16 OUTPUT* OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT* Ch.16 OUTPUT* ■ DC Power Supply ■ AC Power Supply * The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 (connector) or Output 2 terminal for the input. AC POWER UNIT EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) ■ M8BS1-16U0-M2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 CH8 CH9 CH16 C D C D C D C D C D C D C D C D CH8 CH1 A B A B A B A B A B A B A B A B C D C D C D C D C D C D C D C D CH16 CH9 A B A B A B A B A B A B A B A B + – + – + – + – + – + – + – + – + – + – + – + – + – + – + – + – + + – + – + – + – + – + – + – + – + – – + – + – + – + – + – + – 7.3(.29) 64–M3.5 OUTPUT TERMINALS 440 (17.32) 460 (18.11) 480 (18.90) 64–M3.5 INPUT TERMINALS 7.3 (.29) OUTPUT 2 TERM. OUTPUT 1 TERM. AC POWER UNIT 5–M3.5 POWER TERMINALS *1. Included with M8CTx. CT PROTECTOR (CTR) * 1 3 4 5 2 1 V.ADJ |