| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28F420 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28F420 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 38 page ![]() VSS DQ9 DQ2 DU NC E A3 A2 A8 A16 A15 NC DQ5 NC NC G BYTE DQ4 DQ10 DQ3 VCC VCC DQ12 NC W NC NC VPP RP AI01132C M28F410 M28F420 (Normal) 14 1 15 28 29 42 43 56 NC A13 A14 NC DQ15A-1 A4 NC DQ11 DQ0 VSS A1 A11 A12 A9 A10 DQ14 DQ6 DQ13 DQ7 A6 A17 A7 A5 DQ8 DQ1 A0 NC Figure 2A. TSOP Pin Connections Warning: NC = Not Connected, DU = Don’t Use G DQ0 DQ8 A3 A0 E VSS A2 A1 A13 VSS A14 A15 DQ7 A12 A16 BYTE DQ15A-1 DQ5 DQ2 DQ3 VCC DQ11 DQ4 DQ14 A9 W DU A4 VPP RP A7 AI01133C M28F410 M28F420 8 2 3 4 5 6 7 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 20 19 18 17 DQ1 DQ9 A6 A5 DQ6 DQ13 44 39 38 37 36 35 34 33 A11 A10 DQ10 21 DQ12 40 43 1 42 41 A17 A8 Figure 2B. SO Pin Connections Warning: DU = Don’t Use Symbol Parameter Value Unit TA Ambient Operating Temperature grade 1 grade 3 grade 6 0to 70 –40 to 125 –40 to 85 °C TBIAS Temperature Under Bias –50 to 125 °C TSTG Storage Temperature –65 to 150 °C VIO (2, 3) Input or Output Voltages –0.6 to 7 V VCC Supply Voltage –0.6 to 7 V VA9 (2) A9 Voltage –0.6 to 13.5 V VPP (2) Program Supply Voltage, during Erase or Programming –0.6 to 14 V VRP (2) RP Voltage –0.6 to 13.5 V Notes: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents. 2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns. 3. Maximum DC voltage on I/O is VCC + 0.5V, overshoot to 7V allowed for less than 20ns. Table 2. Absolute Maximum Ratings (1) 2/38 M28F410, M28F420 |