| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPF-41P.MA-R/Q bảng dữ liệu(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LPF-41P.MA-R/Q bảng dữ liệu(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: LPF http://www.m-system.co.jp/ LPF SPECIFICATIONS ES-1979 Rev.13 Page 1/3 Power Transducer Series L-UNIT POWER FACTOR TRANSDUCER Functions & Features • Providing a DC output signal in proportion to power factor • DC output containing little ripple is ideal for computer input • Isolation up to 2000 V AC • High-density mounting Typical Applications • Centralized monitoring and control of power management system in a manufacturing facility or building • Measuring power factor for a motor 75 (2.95) 112 (4.41) 75 (2.95) mm (inch) MODEL: LPF–[1][2][3][4]–[5][6] ORDERING INFORMATION • Code number: LPF–[1][2][3][4]-[5][6] Specify a code from below for each [1] through [6]. (e.g. LPF-11PA-C/Q) • Special DC output range (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/S01) [1] CONFIGURATION 1: 3-phase / 3-wire 4: 3-phase / 4-wire [2] INPUT (balanced load) 1: 110 V / 5 A AC 2: 110 V / 1 A AC 3: 220 V / 1 A AC 4: 220 V / 5 A AC 5: 220 V / 380 V / 1 A AC (3-phase / 4-wire) 6: 220 V / 380 V / 5 A AC (3-phase / 4-wire) 7: 110 V / 190 V / 1 A AC (3-phase / 4-wire) 8: 110 V / 190 V / 5 A AC (3-phase / 4-wire) (220 V in code 5 and 6, and 110 V in code 7 and 8 are phase voltage) [3] OUTPUT SIGNAL POLARITY P: Negative in lag, positive in lead M: Negative in lead, positive in lag [4] OUTPUT Current A: 4 – 20 mA DC (Load resistance 600 Ω max.) FW: -10 – +10 mA DC (Load resistance 1000 Ω max.) GW: -1 – +1 mA DC (Load resistance 10 kΩ max.) JW: -5 – +5 mA DC (Load resistance 2000 Ω max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 1W: -10 – +10 mV DC (Load resistance 10 kΩ min.) 2W: -100 – +100 mV DC (Load resistance 100 kΩ min.) 3W: -1 – +1 V DC (Load resistance 1000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) 5W: -5 – +5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [5] AUXILIARY POWER SUPPLY AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power R: 24 V DC V: 48 V DC P: 110 V DC [6] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel |
Số phần tương tự - LPF-41P.MA-R/Q |
|
Mô tả tương tự - LPF-41P.MA-R/Q |