công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8316 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD8316
Giải thích chi tiết về linh kiện  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8316 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD8316 Datasheet HTML 1Page - Analog Devices AD8316 Datasheet HTML 2Page - Analog Devices AD8316 Datasheet HTML 3Page - Analog Devices AD8316 Datasheet HTML 4Page - Analog Devices AD8316 Datasheet HTML 5Page - Analog Devices AD8316 Datasheet HTML 6Page - Analog Devices AD8316 Datasheet HTML 7Page - Analog Devices AD8316 Datasheet HTML 8Page - Analog Devices AD8316 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. C
–2–
AD8316–SPECIFICATIONS (V
POS = 2.7 V, TA = 25 C, 52.3
on RFIN, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
1
To Meet All Specifications
0.1
2.5
GHz
Input Voltage Range
±1 dB Log Conformance, 0.1 GHz
–58.6
–10
dBV
Equivalent dBm Range
–45.6
+3
dBm
Logarithmic Slope
2, 3
0.1 GHz
20.5
22.1
24.5
mV/dB
Logarithmic Intercept
2, 3
0.1 GHz
–68
–74
–78
dBV
Equivalent dBm Level
–55
–61
–65
dBm
RF INPUT INTERFACE
Pin RFIN
Input Resistance
4
0.1 GHz
2.9
k
Ω
Input Capacitance
4
0.1 GHz
1.0
pF
OUTPUTS
Pins OUT1 and OUT2
Minimum Output Voltage
VSET
≤ 200 mV, ENBL High, RF Input ≤ –60 dBm
0.1
0.15
0.25
V
ENBL Low
0.025
V
Maximum Output Voltage
RL > 800
Ω
2.45
2.6
V
General Limit
2.7 V
≤ V
POS
≤ 5.5 V
VPOS – 0.1
V
Output Current Drive
Source
12
mA
Output Buffer Noise
25
nV/
√Hz
Output Noise
RF Input = 2 GHz, 0 dBm,
100
nV/
√Hz
CFLT = 220 pF, fNOISE = 400 kHz
Small Signal Bandwidth
0.2 V to 2.6 V Swing
30
MHz
Slew Rate
10%–90%, 250 mV Step (VSET), Open Loop
5
20
V/
µs
Full-Scale Response Time
FLTR = Open; Refer to TPC 28
50
ns
SETPOINT INTERFACE
Pin VSET
Nominal Input Range
Corresponding to Central 50 dB
0.25
1.5
V
Logarithmic Scale Factor
43.5
dB/V
Input Resistance
100
k
Ω
Slew Rate
16
V/
µs
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power
1.8
VPOS
V
Input Current when Enable High
20
µA
Logic Level to Disable Power
0.8
V
Enable Time
Time from ENBL High to VAPC within 1% of
7
µs
Final Value, CFLT = 68 pF; Refer to TPC 20
Disable Time
Time from ENBL Low to VAPC within 1% of
3
µs
Final Value, CFLT = 68 pF; Refer to TPC 20
Power-On/Enable Time
Time from VPOS/ENBL Low to VAPC within
3
µs
1% of Final Value, CFLT = 68 pF; Refer to TPC 25
Power-Off/Disable Time
Time from VPOS/ENBL High to VAPC within
4
µs
1% of Final Value, CFLT = 68 pF; Refer to TPC 25
BAND SELECT INTERFACE
Pin BSEL
Logic Level to Enable OUT1
1.8
VPOS
V
Input Current when BSEL High
50
µA
Logic Level to Enable OUT2
0.0
1.7
V
POWER INTERFACE
Pin VPOS
Supply Voltage
2.7
5.5
V
Quiescent Current
ENBL High
8.5
10.7
mA
Over Temperature
–30
°C ≤ T
A
≤ +85°C12
mA
Disable Current
6
ENBL Low
3
10
µA
Over Temperature
–30
°C ≤ T
A
≤ +85°C13
µA
NOTES
1Operation down to 0.02 GHz is possible.
2Calculated over the input range of –40 dBm to –10 dBm.
3Mean and standard deviation specifications are in Table I.
4See TPC 9 for plot of Input Impedance vs. Frequency.
5Response time in a closed-loop system will depend upon the filter capacitor (C
FLT) used and the response of the variable gain element.
6This parameter is guaranteed but not tested in production. The maximum specified limit on this parameter is the +6 sigma value from characterization.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20