| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL0637 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
HCPL0637 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 16 page ![]() HCPL0600, HCPL0601, HCPL0611, HCPL0637, HCPL0638, HCPL0639 www.onsemi.com 2 Figure 1. Single−channel Circuit Drawing (HCPL0600, HCPL0601 and HCPL0611) 1 2 3 4 5 6 7 8 N/C _ GND + N/C 1 2 3 4 5 6 7 8 + _ GND _ + Figure 2. Dual−channel Circuit Drawing (HCPL0637, HCPL0638 and HCPL0639) VF VF1 VF2 VCC VE VO VCC V01 V02 TRUTH TABLE (Positive Logic) Input Enable Output H H L L H H H L H L L H H* NC* L* L* NC* H* *Dual channel devices or single channel devices with pin 7 not connected. A 0.1 mF bypass capacitor must be connected between pins 8 and 5. (See Note 2) |