| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL072CD bảng dữ liệu(PDF) 54 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CD bảng dữ liệu(HTML) 54 Page - Texas Instruments |
|
54 / 84 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TL074CDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL074CDRG4 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL074CNSR SO NS 14 2000 330.0 16.4 8.2 10.5 2.5 12.0 16.0 Q1 TL074CPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TL074HIDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 TL074HIPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TL074IDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) TL071ACDR SOIC D 8 2500 340.5 338.1 20.6 TL071BCDR SOIC D 8 2500 340.5 338.1 20.6 TL071CDR SOIC D 8 2500 853.0 449.0 35.0 TL071CDR SOIC D 8 2500 340.5 338.1 20.6 TL071CPSR SO PS 8 2000 853.0 449.0 35.0 TL071IDR SOIC D 8 2500 340.5 338.1 20.6 TL072ACDR SOIC D 8 2500 340.5 338.1 20.6 TL072BCDR SOIC D 8 2500 340.5 338.1 20.6 TL072CDR SOIC D 8 2500 853.0 449.0 35.0 TL072CDR SOIC D 8 2500 340.5 338.1 20.6 PACKAGE MATERIALS INFORMATION www.ti.com 19-Jun-2021 Pack Materials-Page 2 |