| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSMT2-10040-R bảng dữ liệu(PDF) 10 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-10040-R bảng dữ liệu(HTML) 10 Page - M-System Co.,Ltd. |
|
10 / 10 page ![]() LSMT2 ES-1954 Rev.6 Specifications subject to change without notice. RATING RANGE 0 – lag 100 var lead 100 – lag 100 var 110V / 1A 0 – lag 150 var lead 150 – lag 150 var √30 – lag 166.6 var lead 166.6 – lag 166.6 var 0 – lag 200 var lead 200 – lag 200 var 0 – lag 500 var lead 500 – lag 500 var 110V / 5A 0 – lag 750 var lead 750 – lag 750 var √30 – lag 833 var lead 833 – lag 833 var 0 – lag 1000 var lead 1000 – lag 1000 var 0 – lag 200 var lead 200 – lag 200 var 220V / 1A 0 – lag 300 var lead 200 – lag 200 var √30 – lag 333.3 var lead 333.3 – lag 333.3 var 0 – lag 400 var lead 400 – lag 400 var 0 – lag 1000 var lead 1000 – lag 1000 var 220V / 5A 0 – lag 1500 var lead 1500 – lag 1500 var √30 – lag 1666 var lead 1666 – lag 1666 var 0 – lag 2000 var lead 2000 – lag 2000 var 0 – lag 350 var lead 350 – lag 350 var 380V / 1A 0 – lag 525 var lead 525 – lag 525 var √30 – lag 583 var lead 583 – lag 583 var 0 – lag 700 var lead 700 – lag 700 var 0 – lag 1750 var lead 1750 – lag 1750 var 380V / 5A 0 – lag 2625 var lead 2625 – lag 2625 var √30 – lag 2917 var lead 2917 – lag 2917 var 0 – lag 3500 var lead 3500 – lag 3500 var •Reactive power Input range and lag/lead can be changed via the front panel. Power factor: lead 0.5 – 1 – lag 0.5 lag 0.5 – 1 – lead 0.5 lead 0 – 1 – lag 0 lag 0 – 1 – lead 0 Input range and lag/lead can be changed via the front panel. Frequency: 45 – 55 Hz, 55 – 65 Hz, 45 – 65 Hz Input range can be changed via the front panel. Watthours Ratio:110V – 77kV at the VT primary 5 – 8000A at the CT primary Pulse unit: 0.01, 0.1, 1, 10, 100, 1000 kWh/pulse CONNECTION DIAGRAM, INPUT 1 P1 2 P0 3 P3 4 5 1S 6 1L 2S 2L CT 3 N 2 1 SOURCE LOAD VT U u V v U u V v K k 7 8 9 3S 10 3L CT K k A 1 A 2 A 3 V12 V23 V31 V3 V2 V1 CT K k P. 10 / 10 |