công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FUSB380 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện FUSB380
Giải thích chi tiết về linh kiện  Autonomous USB Type-C Cable Marker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB380 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

  FUSB380 Datasheet HTML 1Page - ON Semiconductor FUSB380 Datasheet HTML 2Page - ON Semiconductor FUSB380 Datasheet HTML 3Page - ON Semiconductor FUSB380 Datasheet HTML 4Page - ON Semiconductor FUSB380 Datasheet HTML 5Page - ON Semiconductor FUSB380 Datasheet HTML 6Page - ON Semiconductor FUSB380 Datasheet HTML 7Page - ON Semiconductor FUSB380 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FUSB380
www.onsemi.com
7
Table 5. SUMMARY OF FIELD PROGRAMMABLE BITS
Parameter
# of Bits
Description
CABLE VDO 2
MEM_CABLE2_RSVD_B10_8
Reserved
10
MEM_CABLE2_RSVD_B7_6
Reserved
10
MEM_CABLE2_USB2_SUP
USB 2.0 Supported
1
MEM_CABLE2_SS_SUP
SuperSpeed Supported
1
MEM_CABLE2_SS_LANES
SuperSpeed Lanes Supported
1
MEM_CABLE2_RSVD_B2
Reserved
1
MEM_CABLE2_SS_SIG
SuperSpeed Signaling
2
DISCOVER SVID RESPONSE
SVID0
SVID0 = VID
0
MEM_SVID1
SVID1
16
DISCOVER MODES VDO
MEM_VDO_SVID0
32
MEM_VDO_SVID1
Mode VDO for SVID1 (Alternate Mode)
32
SERIAL NUMBERS
MEM_CABLE_SN
Cable Serial Number
136
MEM_SN_SVID
Serial numbers replied in SVIDx
0 = SVID0
1 − SVID1
1
MEM_SN_COMMAND
Customer Serial Number SVID specific command
5
MEM_DIESN_COMMAND
Die Serial Number SVID specific command
5



Html Pages

1 2 3 4 5 6 7 8