công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32H723ZG bảng dữ liệu(PDF) 39 Page - STMicroelectronics

tên linh kiện STM32H723ZG
Giải thích chi tiết về linh kiện  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723ZG bảng dữ liệu(HTML) 39 Page - STMicroelectronics

Back Button STM32H723ZG Datasheet HTML 35Page - STMicroelectronics STM32H723ZG Datasheet HTML 36Page - STMicroelectronics STM32H723ZG Datasheet HTML 37Page - STMicroelectronics STM32H723ZG Datasheet HTML 38Page - STMicroelectronics STM32H723ZG Datasheet HTML 39Page - STMicroelectronics STM32H723ZG Datasheet HTML 40Page - STMicroelectronics STM32H723ZG Datasheet HTML 41Page - STMicroelectronics STM32H723ZG Datasheet HTML 42Page - STMicroelectronics STM32H723ZG Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 227 page
background image
DS13313 Rev 2
39/227
STM32H723xE/G
Functional overview
52
3.30
True random number generator (RNG)
The RNG is a true random number generator that provides full entropy outputs to the
application as 32-bit samples. It is composed of a live entropy source (analog) and an
internal conditioning component.
The RNG can be used to construct a Non-deterministic Random Bit Generator (NDRBG), as
a NIST SP 800-90B compliant entropy source.
The RNG true random number generator has been tested using German BSI statistical tests
of AIS-31 (T0 to T8), and NIST SP800-90B statistical test suite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More