| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KBC1122P bảng dữ liệu(PDF) 2 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
KBC1122P bảng dữ liệu(HTML) 2 Page - SMSC Corporation |
|
2 / 5 page ![]() Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert!TM Revision 0.8 (10-19-05) 2 SMSC KBC1122 PRODUCT PREVIEW Consumer Infrared Communications Controller (CIRCC2.0) — 96 Base I/O Address, 15 IRQ Options and 3 DMA Options — CIR supports NEC and RC5 framing — CIR supports RC6 framing under Philips license (p/n KBC1122P only) — 8051 access to RC6, RC5, and NEC received data — 8051/Host wakeup from specific RC5 and NEC received data Battery Backed Resources — 32KHz clock generator — 1 Week Wakeup timer Two 8584-Style SMBus Controllers — 8051 Host Interface Logic Allows Master or Slave Operation — Controllers are Fully Operational on Standby Power — One Controller with one Port Three independent Hardware Driven PS/2 Ports — Fully functional on Main and/or Suspend Power — PS/2 edge Wake Capable — Wake on specific mouse protocol — Wake on specific keyboard protocol 92 General Purpose I/O Pins Four Programmable Pulse-Width Modulator Outputs — Multiple clock Sources and Independent Clock Rates — 8 Bit Duty Cycle Granularity Three Fan Tachometer Inputs Four Programmable 16-bit Counter/Timers Serial Port — Host-Driven High-Speed 16C550A-Compatible UART with 16-Byte Send/Receive FIFOs — Programmable Baud Rate Generator — Modem Control Circuitry — Relocatable to 480 Different Base I/O Addresses — 15 IRQ Options Direct Battery Management with SMSC SentinelAlert! — Analog to Digital Converter with – 8 channels, 8b/10b conversion – 20ms conversion time for 8 channels — Digital to Analog Converter with SMSC SentinelAlert! – 3 channels, 8b conversion – 1.5ms conversion time for 3 channels — 2-GPIO’s with SMSC SentinelAlert! — 2-Single pin SMSC BudgetBus Sensor Interface Ports — HW_PROTECT# output thermal event indication MCU Serial Debug Port Integrated Standby Power Reset Generator 156 Pin DQFN Green, Lead-Free Package |