công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX20008 bảng dữ liệu(PDF) 8 Page - Maxim Integrated Products

tên linh kiện MAX20008
Giải thích chi tiết về linh kiện  36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20008 bảng dữ liệu(HTML) 8 Page - Maxim Integrated Products

Back Button MAX20008 Datasheet HTML 4Page - Maxim Integrated Products MAX20008 Datasheet HTML 5Page - Maxim Integrated Products MAX20008 Datasheet HTML 6Page - Maxim Integrated Products MAX20008 Datasheet HTML 7Page - Maxim Integrated Products MAX20008 Datasheet HTML 8Page - Maxim Integrated Products MAX20008 Datasheet HTML 9Page - Maxim Integrated Products MAX20008 Datasheet HTML 10Page - Maxim Integrated Products MAX20008 Datasheet HTML 11Page - Maxim Integrated Products MAX20008 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PIN
NAME
FUNCTION
1
OUT
Switching Regulator Output. OUT also provides power to the internal circuitry under certain conditions (see the
Linear Regulator Output (BIAS) section for details).
2
RESET
Open-Drain, Active-Low RESET Output. To obtain a logic signal, pullup RESET with an external resistor.
3
BST
High-Side Driver Supply. Connect a 0.1μF capacitor between LX and BST for proper operation.
4, 5,
7, 8
PGND
Power Ground. Connect all PGND pins together.
6
LX
Inductor Connection. Connect LX to the switched side of the inductor.
9
SUPSW
Internal High-Side Switch Supply Input. SUPSW provides power to the internal switch. Bypass SUPSW to
PGND with 0.1μF and 4.7μF ceramic capacitors. Place the 0.1μF capacitor as close as possible to the SUPSW
and PGND pins, followed by the 4.7μF capacitor.
10
SUP
Voltage Supply Input. SUP supplies the internal linear regulator. Connect SUP directly to SUPSW as close as
possible to the IC. SUP and SUPSW are connected together internally.
11
EN
SUP Voltage-Compatible Enable Input. Drive EN low to disable the device. Drive EN high to enable the device.
For a safe startup, ensure that VSUP > 7.5V when EN is toggled high.
12
SYNC
Connect SYNC to GND or leave unconnected to enable skip-mode operation under light loads. Connect SYNC
to BIAS or to an external clock to enable fixed-frequency forced-PWM-mode operation. When driving SYNC
externally, do not exceed the BIAS or OUT voltage.
13
BIAS
Linear Regulator Output. BIAS supplies the internal circuitry. Bypass with a minimum 2.2 µF ceramic capacitor
to ground. The BIAS pin can transition from 5V to VOUT after startup.
14
GND
Analog Ground
MAX20004/MAX20006/
MAX20008
36V, 220kHz to 2.2MHz, 4A/6A/8A
Fully Integrated Automotive
Step-Down Converters
www.maximintegrated.com
Maxim Integrated │ 8
Pin Configuration
Pin Description
TOP VIEW
FC2QFN
3.5mm x 3.75mm
17
1
3
9
5
7
4
8
6
16
15
14
13
12
OUT
2
11
10
RESET
BST
PGND
PGND
PGND
PGND
SUPSW
SUP
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com