| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO32X bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32X bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 162 page ![]() 9.17 CTRL6_C (15h) Control register 6 (r/w) Table 56. CTRL6_C register TRIG_EN LVL1_EN LVL2_EN XL_HM _MODE USR_ OFF_W FTYPE_2 FTYPE_1 FTYPE_0 Table 57. CTRL6_C register description TRIG_EN DEN data edge-sensitive trigger enable. Refer to Table 58. LVL1_EN DEN data level-sensitive trigger enable. Refer to Table 58. LVL2_EN DEN level-sensitive latched enable. Refer toTable 58. XL_HM_MODE High-performance operating mode disable for accelerometer. Default value: 0 (0: high-performance operating mode enabled; 1: high-performance operating mode disabled) USR_OFF_W Weight of XL user offset bits of registers X_OFS_USR (73h), Y_OFS_USR (74h), Z_OFS_USR (75h) (0: 2-10g/LSB; 1: 2-6g/LSB) FTYPE[2:0] Gyroscope's low-pass filter (LPF1) bandwidth selection Table 59 shows the selectable bandwidth values. Table 58. Trigger mode selection TRIG_EN, LVL1_EN, LVL2_EN Trigger mode 100 Edge-sensitive trigger mode is selected 010 Level-sensitive trigger mode is selected 011 Level-sensitive latched mode is selected 110 Level-sensitive FIFO enable mode is selected Table 59. Gyroscope LPF1 bandwidth selection FTYPE [2:0] 12.5 Hz 26 Hz 52 Hz 104 Hz 208 Hz 416 Hz 833 Hz 1.67 kHz 3.33 kHz 6.67 kHz 000 4.2 8.3 16.6 33.0 67.0 136.6 239.2 304.2 328.5 335.5 001 4.2 8.3 16.6 33.0 67.0 130.5 192.4 220.7 229.6 232.0 010 4.2 8.3 16.6 33.0 67.0 120.3 154.2 166.6 170.1 171.1 011 4.2 8.3 16.6 33.0 67.0 137.1 281.8 453.2 559.2 609.0 100 4.2 8.3 16.7 33.0 62.4 86.7 96.6 99.6 100.4 100.6 101 4.2 8.3 16.8 31.0 43.2 48.0 49.4 49.8 49.9 49.9 110 4.1 7.8 13.4 19.0 23.1 24.6 25.0 25.1 25.1 25.1 111 3.9 6.7 9.7 11.5 12.2 12.4 12.5 12.5 12.5 12.5 LSM6DSO32X CTRL6_C (15h) DS13607 - Rev 1 page 55/162 |