| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD57100 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD57100 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 21 page ![]() 3 Typical application circuits Figure 4. Typical application for fixed version VIN G ND VIN VBIAS CIN VOUT VOUT COUT L D5710 0 E N CBIAS VBIAS S NS Figure 5. Typical application for adjustable version VIN G ND VIN VBIAS CIN VOUT VOUT COUT L D5710 0 E N CBIAS VBIAS R1 R2 F B Table 2. Typical application components Symbol Value Description Note CIN 1 µF Input capacitor Ceramic type CBIAS 4.7 µF Control logic bypass capacitor Ceramic type COUT 10 µF Output capacitor Ceramic type R1 Output voltage side resistor See Section 6.4 VOUT setting (adjustable version) R2 Ground side resistor <500 kΩ max. LD57100 Typical application circuits DS13123 - Rev 5 page 4/21 |