| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX17841B bảng dữ liệu(PDF) 27 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX17841B bảng dữ liệu(HTML) 27 Page - Maxim Integrated Products |
|
27 / 33 page ![]() TX_STATUS REGISTER ADDRESS BITS DEFAULT NAME DESCRIPTION 0x03 (Read) (Note1) 7 0 Reserved Alwaysreadslogiczero. 6 0 Reserved Alwaysreadslogiczero. 5 0 TX_Busy_Status The UART is busy transmitting data. 4 1 TX_Idle_Status The UART is not transmitting data. 3 0 TX_Overflow_Status LD_Qcouldnotbeincrementedbecausethenext queue contained untransmitted data. Any writes in this state overwrite the load queue. 2 0 TX_Full_Status Allqueuesinthetransmitbufferarefullexceptthe loadqueue(LD_Q=TX_Q-1). 1 1 TX_Available_Status Oneormorequeuesinthetransmitbufferare availableforloading(TX_Full_Statusisfalse). 0 1 TX_Empty_Status AllthequeuesintheTransmitBufferareclearedand availableforloading(LD_Q=TX_Q). RX_INTERRUPT_ENABLE REGISTER 0x04 (Write) 0x05 (Read) 7 0 RX_Error_INT_Enable InterruptenableforRX_Error_Status 6 0 Reserved Alwaysreadslogiczero. 5 0 RX_Busy_INT_Enable InterruptenableforRX_Busy_Status 4 0 RX_Idle_INT_Enable InterruptenableforRX_Idle_Status 3 0 RX_Overflow_INT_Enable InterruptenableforRX_Overflow_Status 2 0 RX_Full_INT_Enable InterruptenableforRX_Full_Status 1 0 RX_Stop_INT_Enable InterruptenableforRX_Stop_Status 0 0 RX_Empty_INT_Enable InterruptenableforRX_Empty_Status TX_INTERRUPT_ENABLE REGISTER 0x06 (Write) 0x07 (Read) 7:6 00 Reserved Alwaysreadslogiczero. 5 0 TX_Busy_INT_Enable InterruptenableforTX_Busy_Status 4 0 TX_Idle_INT_Enable InterruptenableforTX_Idle_Status 3 0 TX_Overflow_INT_Enable InterruptenableforTX_Overflow_Status 2 0 TX_Full_INT_Enable InterruptenableforTX_Full_Status 1 0 TX_Available_INT_Enable InterruptenableforTX_Not_Full_Status 0 0 TX_Empty_INT_Enable InterruptenableforTX_Empty_Status Register Table (continued) Maxim Integrated │ 27 MAX17841B Automotive SPI Communication Interface (ASCI) www.maximintegrated.com |