| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KPE-6A-R bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KPE-6A-R bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: KPE KPE SPECIFICATIONS ES-3545 Rev.2 Page 3/3 http://www.m-system.co.jp/ CONNECTION DIAGRAM + – OUTPUT 1 2 V U v u FUSE VT LOAD SOURCE 3 4 * The transmitter can be powered from the input voltage when the voltage is sufficiently stable and meets within the range of auxiliary power supply of the unit specified in the data sheet/instruction manual. U(+) V(–) AUXILIARY POWER* 7 8 EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. Specifications are subject to change without notice. |