| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KMP-3-H/Q bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KMP-3-H/Q bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: KMP KMP SPECIFICATIONS ES-3630 Rev.3 Page 4/4 http://www.m-system.co.jp/ TERMINOLOGY •Split Control Control in which two or more output signals are generated according to different functions by one input signal. [Example] Control of two valves in different actions in order to keep temperature steady: one for cold water and another for hot water. Use a reverse acting Model KMP-2 (-3) for hot water, and a direct acting Model KMP-1 (-4, -V1) for cold water. When setpoint signal increases, the hot water valve is actuated to open, while the cold water valve is actuated to close. When setpoint signal decreases, the two valves move to opposite directions. Temp. XMTR TIC KMP (direct) KMP (reverse) Cold Water M Hot Water M Heat Exchanger M M M M 100% 100% 50 0 0 Hot Water Valve Cold Water Valve SETPOINT → Specifications are subject to change without notice. |