| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JC-HL-3-11-R5/Q bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
JC-HL-3-11-R5/Q bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 11 page ![]() MODEL: JC-HL JC-HL SPECIFICATIONS ES-9041 Rev.3 Page 4/11 https://www.m-system.co.jp/ CONNECTION DIAGRAMS 1. PWR + Power Supply 2. PWR − Power Supply 3. FE Functional earth 1 2 3 Cable connector: TFMC1,5 / 5–STF–3,5 (Phoenix Contact) (included in the package) Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm Recommended solderless terminal • AI0,25−10YE 0.25 mm2 (Phoenix Contact) • AI0,34−10TQ 0.34 mm2 (Phoenix Contact) • AI0,5−10WH 0.5 mm2 (Phoenix Contact) • AI0,75−10GY 0.75 mm2 (Phoenix Contact) • A1−10 1.0 mm2 (Phoenix Contact) • A1,5−10 1.5 mm2 (Phoenix Contact) ■ POWER SUPPLY 1 2 3 4 5 6 7 8 ■ NETWORK 1. NC 2. NC 3. TXD+ 4. TXD– 5. RXD+ 6. RXD– 7. NC 8. SLD Unused Unused Network (HUB, transmission +) Network (HUB, transmission –) Network (master, transmission +) Network (master, transmission –) Unused Shield Feeder (HLS1, HLS2, HLS3, HLS4, HLS5, HLS6) 1. NC 2. NC 3. RXD+ 4. RXD– 5. TXD+ 6. TXD– 7. NC 8. SLD Unused Unused Network (slave, transmission +) Network (slave, transmission –) Network (HUB, transmission +) Network (HUB, transmission –) Unused Shield Reccommended cable connector: TM21P–88P (Hirose Electric) (not included in the package) Half-duplex communication Trunk (HLS0A, HLS0B) 1 2 3 4 5 6 7 8 1. NC 2. NC 3. TR+ 4. TR– 5. NC 6. NC 7. NC 8. SLD Unused Unused Network (+) Network (–) Unused Unused Unused Shield Feeder (HLS1, HLS2, HLS3, HLS4, HLS5, HLS6) 1. NC 2. NC 3. TR+ 4. TR– 5. NC 6. NC 7. NC 8. SLD Unused Unused Network (+) Network (–) Unused Unused Unused Shield Trunk (HLS0A, HLS0B) Full-duplex communication • COMMUNICATION CONNECTOR PIN ASSIGNMENT CODE: 1 |