công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADGS5412BCPZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADGS5412BCPZ
Giải thích chi tiết về linh kiện  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADGS5412BCPZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADGS5412BCPZ Datasheet HTML 1Page - Analog Devices ADGS5412BCPZ Datasheet HTML 2Page - Analog Devices ADGS5412BCPZ Datasheet HTML 3Page - Analog Devices ADGS5412BCPZ Datasheet HTML 4Page - Analog Devices ADGS5412BCPZ Datasheet HTML 5Page - Analog Devices ADGS5412BCPZ Datasheet HTML 6Page - Analog Devices ADGS5412BCPZ Datasheet HTML 7Page - Analog Devices ADGS5412BCPZ Datasheet HTML 8Page - Analog Devices ADGS5412BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADGS5412
Data Sheet
Rev. A | Page 4 of 30
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Charge Injection, QINJ
245
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 37
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF, f =
100 kHz; see Figure 31
Channel to Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
Total Harmonic Distortion + Noise,
THD + N
0.01
% typ
RL = 1 kΩ, 15 V p-p, f = 20 Hz
to 20 kHz; see Figure 33
−3 dB Bandwidth
167
MHz typ
RL = 50 Ω, CL = 5 pF; see
Figure 34
Insertion Loss
−0.7
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 34
Off Switch Source Capacitance, CS (Off)
18
pF typ
VS = 0 V, f = 1 MHz
Off Switch Drain Capacitance, CD (Off)
18
pF typ
VS = 0 V, f = 1 MHz
On Switch Capacitance, CD (On), CS (On)
57
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
Positive Supply Current, IDD
45
µA typ
Digital inputs = 0 V or VL
55
70
µA max
45
µA typ
All switches closed,
VL = 5.5 V
110
µA typ
All switches closed,
VL = 2.7 V
Digital Supply Current, IL
Inactive
6.3
µA typ
Digital inputs = 0 V or VL
8.0
µA max
Inactive, SCLK = 1 MHz
14
µA typ
CS = VL and SDI = 0 V or VL,
VL = 5 V
7
µA typ
CS = VL and SDI = 0 V or VL,
VL = 3 V
SCLK = 50 MHz
390
µA typ
CS = VL and SDI = 0 V or VL,
VL = 5 V
210
µA typ
CS = VL and SDI = 0 V or VL,
VL = 3 V
Inactive, SDI = 1 MHz
15
µA typ
CS and SCLK = 0 V or VL,
VL = 5 V
7.5
µA typ
CS and SCLK = 0 V or VL,
VL = 3 V
SDI = 25 MHz
230
µA typ
CS and SCLK = 0 V or VL,
VL = 5 V
120
µA typ
CS and SCLK = 0 V or VL,
VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle
between 0 V and VL,
VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle
between 0 V and VL,
VL = 2.7 V
1.0
mA max
Negative Supply Current, ISS
0.001
µA typ
Digital inputs = 0 V or VL
1.0
µA max
VDD/VSS
±9/±22
V min/V max
GND = 0 V
1
Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30