công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADGS1612 bảng dữ liệu(PDF) 13 Page - Analog Devices

tên linh kiện ADGS1612
Giải thích chi tiết về linh kiện  SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADGS1612 bảng dữ liệu(HTML) 13 Page - Analog Devices

Back Button ADGS1612 Datasheet HTML 9Page - Analog Devices ADGS1612 Datasheet HTML 10Page - Analog Devices ADGS1612 Datasheet HTML 11Page - Analog Devices ADGS1612 Datasheet HTML 12Page - Analog Devices ADGS1612 Datasheet HTML 13Page - Analog Devices ADGS1612 Datasheet HTML 14Page - Analog Devices ADGS1612 Datasheet HTML 15Page - Analog Devices ADGS1612 Datasheet HTML 16Page - Analog Devices ADGS1612 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
ADGS1612
Rev. 0 | Page 13 of 29
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
VDD to VSS
18 V
VDD to GND
−0.3 V to +18 V
VSS to GND
+0.3 V to −18 V
RESET/VL to GND
VDD ≤ 5.5 V
−0.3V to VDD + 0.3 V
VDD > 5.5 V
−0.3 V to +6 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
−0.3 V to +6 V
Peak Current, Sx or Dx Pins2
546 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx or Dx2, 3
Data + 15%
Temperature Ranges
Operating
−40°C to +125°C
Storage
−65°C to +150°C
Junction Temperature
150°C
Reflow Soldering Peak
Temperature, Pb-Free
260°C
1 Overvoltages at the digital, Sx, and Dx pins are clamped by internal diodes.
Limit current to the maximum ratings given.
2 Sx refers to the S1 to S4 pins, and Dx refers to the D1 to D4 pins.
3 See Table 5 and Table 6.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-24-171
60
13
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29