công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M54HCT563F1R bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện M54HCT563F1R
Giải thích chi tiết về linh kiện  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT563F1R bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button M54HCT563F1R Datasheet HTML 2Page - STMicroelectronics M54HCT563F1R Datasheet HTML 3Page - STMicroelectronics M54HCT563F1R Datasheet HTML 4Page - STMicroelectronics M54HCT563F1R Datasheet HTML 5Page - STMicroelectronics M54HCT563F1R Datasheet HTML 6Page - STMicroelectronics M54HCT563F1R Datasheet HTML 7Page - STMicroelectronics M54HCT563F1R Datasheet HTML 8Page - STMicroelectronics M54HCT563F1R Datasheet HTML 9Page - STMicroelectronics M54HCT563F1R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
50
7
12
15
18
ns
tPLH
tPHL
Propagation
Delay Time
(LE - Q, Q)
4.5
50
21
33
41
50
ns
4.5
150
25
39
49
59
ns
tPLH
tPHL
Propagation
Delay Time
(D - Q, Q)
4.5
50
19
30
38
45
ns
4.5
150
23
36
45
54
ns
tPZL
tPZH
3 State Output
Enable Time
4.5
50
RL =1 K
Ω
19
30
38
45
ns
4.5
150
RL =1 K
Ω
23
36
45
54
ns
tPZL
tPZH
3 State Output
Disable Time
4.5
50
RL =1 K
Ω
18
25
31
38
ns
tW(L)
tW(H)
Minimum Pulse
Width (LE)
4.5
50
7
15
19
22
ns
ts
Minimum Set-up
Time
4.5
50
4
10
13
15
ns
th
Minimum Hold
Time
4.5
50
5
5
5
ns
CIN
Input Capacitance
5
10
10
10
pF
COUT
Output
Capacitance
10
pF
CPD (*)
Power Dissipation
Capacitance
51
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/8 (per Flip-Flop)
M54/M74HCT563/573
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com