| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IT50SW2 bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
IT50SW2 bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: IT50SW2 IT50SW2 SPECIFICATIONS ES-2387 Rev.9 Page 5/6 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM BUZZER 1 BUZZER 2 BLINK + –/COM Input Circuit Comm. Circuit RJ-45 JACK Power Circuit LAMP 1 LAMP 2 LAMP 3 LAMP 4 LAMP 5 BUZZER 1 BUZZER 2 –/COM BLINK ■ WIRING TO INPUT SIGNAL • Contact input e.g. Note 1: If “On” (Continuous) and “Blink” (Intermittent) are set simultaneously for a single lamp (buzzer), “Blink” (Intermittent) is disabled. The same procedure will be applyed also for the others lamps. •NPN input e.g. TOWER LIGHT BLINK ON BLINK ON + LAMP 1 LAMP 2 LAMP 3 LAMP 4 LAMP 5 BUZZER 1 BUZZER 2 –/COM BLINK TOWER LIGHT + LAMP 1 *1 LAMP 2 *1 LAMP 3 *1 LAMP 4 *1 LAMP 5 *1 Control Circuit Wireless Comm. Circuit LAMP 1–5 BUZZER STAUS IND. LED DIP SW IP ADDR. RESET SW To other Ethernet devices POWER Black Gray INPUT LAMP 1 INPUT LAMP 2 INPUT LAMP 3 INPUT LAMP 4 INPUT LAMP 5 INPUT BUZZER INPUT 1 BUZZER INPUT 2 LAMP BLINK COM Red Yellow Green Blue White Purple Cyan Brown Isolation *1. Example of 5 layers in order: red, yellow, green, blue and white. Lamp and wire color are the same. Continuance Discontinuance Antenna Connector |