| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD151TS304ARP bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS304ARP bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 12 page ![]() HD151TS304ARP Rev.4.00, May.19.2003, page 3 of 12 SSC Function Table SEL1 :0 Spread Percentage 0 0 ±0.5% 0 1 ±1.5% 1 0 SSC OFF 1 1 ±0.25% Note: ±1.5% SSC is selected for default by internal pull-up & down resistors. Clock Frequency Table XIN(MHz) SSCCLKOUT(MHz) CLKOUT(MHz) 48 48 *1 48 *2 24 24 *1 24 *2 Notes: 1. With spread spectrum modulation. 2. Without spread spectrum modulation. Pin Descriptions Pin name No. Type Description GND 3 Ground GND pin VDD 2 Power Power supplies pin. Normally 3.3 V. CLKOUT 7 Output Normally 3.3 V reference clock output. SSCCLKOUT 1 Output Spread spectrum modulated clock output. XIN 4 Input Oscillator input. XOUT 5 Output Oscillator output. SEL0 6 Input SSC mode select pin. LVCMOS level input. Pull-up by internal resistor. (100 k Ω). SEL1 8 Input SSC mode select pin. LVCMOS level input. Pull–down by internal resistor (100 k Ω). |