| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS9201YDFR8 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS9201YDFR8 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() CS9201 http://onsemi.com 2 MAXIMUM RATINGS* Parameter Value Unit Power Dissipation Internally Limited – Input Voltage (VIN): DC Peak Transient Voltage (60 V Load Dump @ VIN = 14 V) –15 to 36 74 V V Output Current Internally Limited – ESD Susceptibility (Human Body Model) 4.0 kV Package Thermal Resistance: Junction–to–Case, RθJC Junction–to–Ambient, RθJA 25 110 °C/W °C/W Junction Temperature –40 to +150 °C Storage Temperature –55 to +150 °C Lead Temperature Soldering: Reflow (SMD styles only) Note 1 230 Peak °C 1. 60 second maximum above 183 °C. *The maximum package power dissipation must be observed. ELECTRICAL CHARACTERISTICS (6.0 V ≤ VIN ≤ 26 V, IOUT = 1.0 mA, –40°C ≤ TJ ≤ 125°C; unless otherwise stated.) Parameter Test Conditions Min Typ Max Unit Output Stage Output Voltage, VOUT 9.0 V < VIN < 16 V, 100 uA ≤ IOUT ≤ 100 mA 6.0 V < VIN < 26 V, 100 uA ≤ IOUT ≤ 100 mA 4.90 4.85 5.00 5.00 5.10 5.15 V V Dropout Voltage (VIN–VOUT) IOUT = 100 mA IOUT = 100 µA – 400 100 600 150 mV mV Load Regulation VIN = 14 V, 100 µA ≤ IOUT ≤ 100 mA – 5 50 mV Line Regulation 6.0 V < V < 26 V, IOUT = 1.0 mA – 5 50 mV Quiescent Current, (IQ) IOUT = 100 µA, VIN = 12 V IOUT ≤ 50 mA IOUT ≤ 100 mA – 450 4 12 750 6 20 µA mA mA Ripple Rejection 7.0 V ≤ VIN ≤ 17 V, IOUT = 100 mA, f = 120 Hz 60 75 – dB Current Limit – 105 200 – mA Short Circuit Output Current VOUT = 0 V 25 125 – mA Thermal Shutdown (Note 2) – 150 180 – °C Overvoltage Shutdown VOUT ≤ 1.0 V 28 32 36 V 2. This parameter is guaranteed by design, but not parametrically tested in production. PACKAGE LEAD DESCRIPTION Package Lead Number SO–8 Lead Symbol Function 1 VOUT 5.0 V, ± 2%, 100 mA output. 4, 5 NC No connection. 2, 3, 6, 7 GND Ground. 8 VIN Input voltage. |