| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADPD4100BCBZR7 bảng dữ liệu(PDF) 90 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100BCBZR7 bảng dữ liệu(HTML) 90 Page - Analog Devices |
|
90 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 90 of 101 Addr Name Bits Bit Name Description Reset Access 0x0221 TS_PATH_J [8:0] AFE_PATH_CFG_x Signal path selection. 0x0DA R/W 0x0241 TS_PATH_K 0x0DA: TIA, BPF, integrator, and ADC. 0x0261 TS_PATH_L 0x0E6: TIA, integrator, and ADC. 0x106: TIA and ADC. 0x101: ADC. 0x0E1: buffer and ADC. 0x0E6: TIA, integrator, and ADC. 0x0102 INPUTS_A [15:12] INP78_x IN7 and IN8 input pair enable. 0x0 R/W 0x0122 INPUTS_B 0000: input pair disabled. IN7 and IN8 disconnected. 0x0142 INPUTS_C 0001: IN7 connected to Channel 1. IN8 disconnected. 0x0162 INPUTS_D 0010: IN7 connected to Channel 2. IN8 disconnected. 0x0182 INPUTS_E 0011: IN7 disconnected. IN8 connected to Channel 1. 0x01A2 INPUTS_F 0100: IN7 disconnected. IN8 connected to Channel 2. 0x01C2 INPUTS_G 0101: IN7 connected to Channel 1. IN8 connected to 0x01E2 INPUTS_H Channel 2. 0x0202 INPUTS_I 0110: IN7 connected to Channel 2. IN8 connected to 0x0222 INPUTS_J Channel 1. 0x0242 INPUTS_K 0111: IN7 and IN8 connected to Channel 1. Single- 0x0262 INPUTS_L ended or differential, based on PAIR78. 1000: IN7 and IN8 connected to Channel 2. Single-ended or differential, based on PAIR78. [11:8] INP56_x IN5 and IN6 input pair enable. 0x0 R/W 0000: input pair disabled. IN5 and IN6 disconnected. 0001: IN5 connected to Channel 1. IN6 disconnected. 0010: IN5 connected to Channel 2. IN6 disconnected. 0011: IN5 disconnected. IN6 connected to Channel 1. 0100: IN5 disconnected. IN6 connected to Channel 2. 0101: IN5 connected to Channel 1. IN6 connected to Channel 2. 0110: IN5 connected to Channel 2. IN6 connected to Channel 1. 0111: IN5 and IN6 connected to Channel 1. Single-ended or differential, based on PAIR56. 1000: IN5 and IN6 connected to Channel 2. Single-ended or differential, based on PAIR56. [7:4] INP34_x IN3 and IN4 input pair enable. 0x0 R/W 0000: input pair disabled. IN3 and IN4 disconnected. 0001: IN3 connected to Channel 1. IN4 disconnected. 0010: IN3 connected to Channel 2. IN4 disconnected. 0011: IN3 disconnected. IN4 connected to Channel 1. 0100: IN3 disconnected. IN4 connected to Channel 2. 0101: IN3 connected to Channel 1. IN4 connected to Channel 2. 0110: IN3 connected to Channel 2. IN4 connected to Channel 1. 0111: IN3 and IN4 connected to Channel 1. Single-ended or differential, based on PAIR34. 1000: IN3 and IN4 connected to Channel. Single-ended or differential, based on PAIR34. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |