| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADPD4101 bảng dữ liệu(PDF) 83 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4101 bảng dữ liệu(HTML) 83 Page - Analog Devices |
|
83 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 83 of 101 Addr Name Bits Bit Name Description Reset Access 3 THRESH0_CHAN_x Select channel for Level 0 interrupt. 0x0 R/W 0: use Channel 1. 1: use Channel 2. 2 THRESH0_DIR_x Direction of comparison for Level 0 interrupt. 0x0 R/W 0: set when below Level 0 interrupt threshold. 1: set when above Level 0 interrupt threshold. [1:0] THRESH0_TYPE_x Type of comparison for Level 0 interrupt. 0x0 R/W 0: off (no comparison). 1: compare to signal. 10: compare to dark. 11: reserved. 0x0116 THRESH0_A [15:13] Reserved Reserved. 0x0 R 0x0136 THRESH0_B [12:8] THRESH0_SHIFT_x Shift for Level 0 interrupt comparison threshold. Shift THRESH0_VALUE_x by this amount before comparing. 0x0 R/W 0x0156 THRESH0_C 0x0176 THRESH0_D [7:0] THRESH0_VALUE_x Value for Level 0 interrupt comparison threshold. 0x0 R/W 0x0196 THRESH0_E 0x01B6 THRESH0_F 0x01D6 THRESH0_G 0x01F6 THRESH0_H 0x0216 THRESH0_I 0x0236 THRESH0_J 0x0256 THRESH0_K 0x0276 THRESH0_L 0x0117 THRESH1_A [15:13] Reserved Reserved. 0x0 R 0x0137 THRESH1_B [12:8] THRESH1_SHIFT_x Shift for Level 1 interrupt comparison threshold. Shift THRESH1_VALUE_x by this amount before comparing. 0x0 R/W 0x0157 THRESH1_C 0x0177 THRESH1_D [7:0] THRESH1_VALUE_x Value for Level 1 interrupt comparison threshold. 0x0 R/W 0x0197 THRESH1_E 0x01B7 THRESH1_F 0x01D7 THRESH1_G 0x01F7 THRESH1_H 0x0217 THRESH1_I 0x0237 THRESH1_J 0x0257 THRESH1_K 0x0277 THRESH1_L |