| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATG-1113-S/Q bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
ATG-1113-S/Q bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: B3FP B3FP SPECIFICATIONS ES-7516 Rev.9 Page 4/4 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Isolation S Z Voltage Amplifier Digital Computation Waveform Shaper Output Driver 12 mA MONITOR – 4 5 6 + – LOAD 11 10 OUTPUT 24 V DC 4 – 20 mA DC + – INPUT *Input shunt resistor incorporated for two-wire current pulse input. * INPUT RANGE SELECTOR DIP SW FREQUENCY SW ■ Open Collector ■ Two-wire Current Pulse Input Connection Examples ■ Voltage Pulse 4 5 + – • External DC Supply 4 5 – 2-WIRE PICK-UP + + DC SUPPLY – 200 Ω 4 5 + 2.4 kΩ – 2.5 V Specifications are subject to change without notice. |