| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
48V-1YRHZ-R bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48V-1YRHZ-R bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: 48V http://www.m-system.co.jp/ 48V SPECIFICATIONS ES-9311 Rev.13 Page 3/5 STANDARD SCALE & UNIT EXAMPLES 1 1.1 .8 .6 .4 .2 0 .2 0 .4 .6 .8 1 1.2 1.29 0 .3 .6 .9 1.2 1.3 0 .3 .6 .9 1.2 1.5 1.8 1.99 0 0 0 0 .5 .5 1 1.5 2 2.5 2.59 .5 1 1.5 2 1 1.5 2 2.5 3 3.5 4 4.5 5 5.49 0 1 2 3 4 5 5.5 0 1 2 3 4 5 6 7 8 9 10 10.9 .5 1 1.5 2 2.5 2.6 22 div. 25.9 div. 26 div. 39.9 div. 40 div. 51.9 div. 26 div. 54.9 div. 27.5 div. 54.9 div. Pattern 1 1.1 ≤ SPAN < 1.3 22 through 25.9 Span of Scale Range Standard Divisions Standard Scales Pattern 2 1.3 ≤ SPAN < 2.0 26 through 39.9 Pattern 3 2.0 ≤ SPAN < 2.6 40 through 51.9 Pattern 4 2.6 ≤ SPAN < 5.5 26 through 54.9 Pattern 5 5.5 ≤ SPAN < 11.0 27.5 through 54.9 20 Ratio 20 20 10 5 Enginnering unit: %, °C, Nm3/h, m3/h, t/h, km3/h, kg/h, l/h, Pa, kPa, abs, ppm, pH, psi, kg/cm2G, N/m2, N/cm2, lb/h, J, kJ, Nl, m3, lbs, Ω, μΩ, 1° Span of Scale Range = (Full Scale – Zero Scale) × 10n where n = integer (Determine ‘n’ so that the span of scale range is 1.1 or greater than 1.1, and smaller than 11.0.) [Example 1] Scale range 0 to 100 Span of Scale Range = (100 – 0) × 10-1 = 10 Span of 10 falls into Pattern 5 according to the above table. Number of divisions is calculated from the Span of Scale Range multiplied by the ratio (10 × 5). The scale range 0 to 100 is provided with 50 divisions. [Example 2] Scale range -10 to +10 Span of Scale Range = (10 – (-10)) × 10-1 = 2 Span of 2 falls into Pattern 3 according to the above table. Number of divisions is calculated from the Span of Scale Range multiplied by the ratio (2 × 20). The scale range -10 to +10 is provided with 40 divisions. ■ DIVISIONS Number of divisions depends upon the scale range. ■ STANDARD SCALES & DIVISIONS (example) Example 1 100 90 80 70 60 50 40 30 20 10 0 Unit Example 2 10 5 0 5 10 – Unit |