| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAL4-5-R bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DAL4-5-R bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: DAL4 DAL4 SPECIFICATIONS ES-6782 Rev.2 Page 5/6 http://www.m-system.co.jp/ LIGHTNING SURGE PROTECTION 4 3 2 1 13 14 15 16 9 10 6 5 12 7 11 DAL4-1 8 A B C 3 2 1 MDP-DM3 G A B C 3 2 1 G – + DLA1, 22LA1 LINE – + LINE MDP-DM3 1 2 3 B C A G PANEL + – + – + – ■MULTIPLEX TRANSMISSION * * * *Terminating resistor 4 3 2 1 13 14 15 16 9 10 6 5 12 7 11 DAL4-1 8 A B C 3 2 1 MDP-DM3 G A B C 3 2 1 G – + DLA2, SMLM LINE – SG SG + LINE MDP-DM3 1 2 3 B C A G PANEL + – + – + – ■M-BUS * * * *Terminating resistor Shielded Twisted-pair Cable Shielded Twisted-pair Cable Shielded Twisted-pair Cable Notes • Be sure to use lightning surge protectors (model: MDP-DM3) on twisted-pair cables. • Be sure to connect the terminal No. 1 of the MDP-DM3 with SG terminal of the DAL4. • For connecting model DLA1 or 22LA1 with the DAL4 in the same panel, install them between the MDP-DM3 and the DAL4. Be sure to connect the terminal No. 1 of the MDP-DM3 with SG terminal of the DAL4. • Lightning surge protectors for power supply line are recommended for complete protection. Notes • Be sure to use lightning surge protectors (model: MDP-DM3) on twisted-pair cables. • Be sure to connect the terminal No. 1 of the MDP-DM3 with SG terminal of the DAL4. • For connecting model DLA2 or SMLM with the DAL4 in the same panel, install them between the MDP-DM3 and the DAL4. Be sure to connect the terminal No. 1 of the MDP-DM3 with SG terminal of the DAL4. • Lightning surge protectors for power supply line are recommended for complete protection. |