| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ARM52211AM bảng dữ liệu(PDF) 3 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
ARM52211AM bảng dữ liệu(HTML) 3 Page - Pulse A Technitrol Company |
|
3 / 25 page ![]() Issue: 1901 In the effort to improve our products, we reserve the right to make changes judged to be necessary. CONFIDENTIAL AND PROPRIETARY INFORMATION This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws. Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden. Series: ARMADILLO Description: Vehicular Multiband Antenna with Adhesive Mount PART NUMBER: ARMXXXXXAM 3 Frequency 698-960MHz, 1710-2690MHz 2400-2500MHz, 5150-5925MHz Nominal Impedance 50 VSWR* 698-960MHz <2.5 1710-2690MHz <2.5 2400-2500MHz <2 5150-5925MHz <2 Isolation* 698-960MHz, 1710-2690MHz -8dB 2400-2500MHz, 5150-5925MHz -12dB Average Peak Gain** 698-960MHz; 4.6dBi 1710-2690MHz 5.1dBi 2400-2500MHz 4.9dBi 5150-5925MHz 7.9dBi Polarization Vertical *Test on 500mm ground plane with 17ft(5.2m) LMR195 cable **Test on 500mm ground plane with 1ft(304.8) LMR195 cable ELECTRICAL SPECIFICATIONS |